công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5206EPB bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5206EPB
Giải thích chi tiết về linh kiện  ColdFire Version 2 core, 32-bit data base
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5206EPB bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF5206EPB Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5206EPB Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5206EPB Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5206EPB Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5206EPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5206EPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5206EPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5206EPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5206EPB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The MCF5206e integrated microprocessor combines a ColdFire® core with several peripheral
functions such as a DRAM controller, timers, parallel and serial interfaces, and system
integration. This device is an enhanced version of the MCF5206, which is in production today.
Not only does the MCF5206e provide a performance upgrade to the MCF5206 due to the
increased 4-Kbyte I-cache, 8-Kbyte SRAM and increased frequency, but this device also
integrates an additional multiply accumulate (MAC) unit, hardware divide, and two-channel
DMA to the device while maintaining pin compatibility with the MCF5206.
The revolutionary ColdFire architecture gives cost-sensitive, high-volume markets new levels
of price and performance. Based upon the concept of variable-length RISC technology, the
ColdFire core combines the architectural simplicity of conventional 32-bit RISC with a
memory-saving, variable-length instruction set. In defining the ColdFire architecture for
embedded processing applications, Motorola incorporated RISC architecture for peak
performance and a simplified version of the variable-length instruction set found in the
M68000 family for code density.
By using a variable-length instruction set architecture, embedded processor designers using
ColdFire processors will enjoy significant system-level advantages over conventional
fixed-length RISC architectures. The denser binary code for ColdFire uses less memory than
fixed-length instruction processors available. This improved code density means more
efficient system memory usage for a given application, and allows for slower, less costly
memory to help achieve a target price/performance level for embedded processing
applications.
The MCF5206e Version 2 core delivers enhanced performance while maintaining low system
costs. The addition of a MAC module and hardware divide to the core increases performance
of complex arithmetic functions normally used in DSP applications. To speed program
execution, the on chip instruction cache and SRAM provides one-cycle access to critical code
and data. The MCF5206e processor greatly reduces the time required for system design and
implementation by packaging common system functions on chip and providing glueless
interfaces to 8 bit, 16 bit and 32 bit DRAM, SRAM, ROM and I/O devices.
The integrated peripheral functions provide high performance and flexibility. The DRAM
controller supports up to 512 Mbytes of DRAM. The MCF5206e processor supports both fast
page-mode and extended-data-out DRAMs. The DMA controller provides two fully
programmable channels that support both single and dual addressing modes. The serial
interfaces consists of two independent UARTs and a separate I2C-compatible1 Motorola bus
(M-Bus interface). Two 16-bit general-purpose multimode timers provide separate input and
output signals. For system protection, the processor includes a programmable 16-bit software
Product Brief
MCF5206EPB/D
Rev.2.1, 3/2002
MCF5206e Integrated
ColdFire®Microprocessor
Product Brief
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MCF5206EPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5206EPB FREESCALE-MCF5206EPB Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
MCF5206EPB/D FREESCALE-MCF5206EPB/D Datasheet
274Kb / 12P
   MCF5206e Integrated ColdFire Microprocessor Product Brief
More results

Mô tả tương tự - MCF5206EPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com