công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33661PEFR2 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC33661PEFR2
Giải thích chi tiết về linh kiện  Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33661PEFR2 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33661PEFR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33661
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LIN PIN (VOLTAGE EXPRESSED VERSUS VSUP VOLTAGE)
Low Level Bus Voltage (Dominant State)
External Bus Pull-up 500
VDOM
1.4
V
High Level Bus Voltage (Recessive State)
TXD HIGH, IOUT = 1.0 A
VREC
VSUP - 1.0
V
Internal Pull-up Resistor to VSUP
(Normal mode)
RPU
20
30
47
k
Internal Pull-up Current Source (Sleep mode)
IPU
20
A
Overcurrent Shutdown Threshold
IOV-CUR
50
75
150
mA
Leakage Current to GND
Recessive State, 8.0 V
 VSUP  18 V, 8.0 V  VLIN  18 V
GND Disconnected, VGND = VSUP, VLIN at -18 V
VSUP Disconnected, VLIN at +18 V
ILEAK
0
-1.0
3.0
1.0
20
1.0
10
A
mA
A
LIN Receiver, Low Level Input Voltage
TXD HIGH, RXD LOW
VLINL
0.0 VSUP
0.4 VSUP
V
LIN Receiver, High Level Input Voltage
TXD HIGH, RXD HIGH
VLINH
0.6 VSUP
VSUP
V
LIN Receiver Threshold Center
(VLINH - VLINL) / 2
VLINTH
0.475 VSUP 0.5 VSUP 0.525 VSUP
V
LIN Receiver Input Voltage Hysteresis
VLINH - VLINL
VLINHYST
0.175 VSUP
V
LIN Wake-up Threshold Voltage
VLINWU
0.5 VSUP
V
INH OUTPUT PIN
Driver ON Resistance (Normal mode)
INHON
35
70
Leakage Current (Sleep mode)
0.0 V < VINH < VSUP
ILEAK
0
5.0
A
WAKE INPUT PIN
Typical Wake-up Threshold Voltage (EN = 0 V, 7.0 V
 VSUP  18 V) (5)
HIGH-to-LOW Transition
LOW-to-HIGH Transition
VWUTH
0.3 VSUP
0.4 VSUP
0.43 VSUP
0.55 VSUP
0.55 VSUP
0.65 VSUP
V
Wake-up Threshold Voltage Hysteresis
VWUHYST
0.1 VSUP
0.16 VSUP
0.2 VSUP
V
WAKE Input Current
VWAKE < 27 V
IWU
1.0
5.0
A
Notes
4.
This parameter is guaranteed by design; however, it is not production tested.
5.
When VSUP > 18 V, the wake-up voltage thresholds remain identical to the wake-up thresholds at 18 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 7.0 V
 VSUP  18 V, -40C  TA  125 C, GND = 0 V, unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC33661PEFR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33661PEF NXP-MC33661PEF Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results

Mô tả tương tự - MC33661PEFR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
   Automotive Local Interconnect Network Physical Interface
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Texas Instruments
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com