công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33661PEFR2 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC33661PEFR2
Giải thích chi tiết về linh kiện  Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33661PEFR2 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33661PEFR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33661PEFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33661
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Continuous Supply Voltage
Transient Voltage (Load Dump)
VSUP
27
40
V
WAKE DC and Transient Voltage (Through a 33 k
 Serial Resistor)
VWAKE
-18 to 40
V
Logic Voltage (RXD, TXD, EN Pins)
VLOG
-0.3 to 5.5
V
LIN Bus Voltage
DC Voltage
Transient (Coupled Through 1.0 nF Capacitor)
VBUS
-18 to 40
-150 to 100
V
INH Voltage/Current
DC Voltage
DC Current
VINH
IINH
-0.3 to VSUP + 0.3
40
V
mA
ESD Voltage (1)
Human Body Model
All Pins
LIN Pin with Respect to Ground
Machine Model
VESD1
VESD2
±2000
±5000
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
C
Storage Temperature
TSTG
-55 to 150
C
Thermal Resistance, Junction to Ambient
RJA
150
°C/W
Peak Package Reflow Temperature During Reflow (2), (3)
TPPRT
Note 3
°C
Thermal Shutdown Temperature
TSHUT
150 to 200
°C
Thermal Shutdown Hysteresis Temperature
THYST
8.0 to 20
°C
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 ), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 220 pF, RZAP = 0 ).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Số phần tương tự - MC33661PEFR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33661PEF NXP-MC33661PEF Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
More results

Mô tả tương tự - MC33661PEFR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
   Automotive Local Interconnect Network Physical Interface
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
logo
Texas Instruments
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com