công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5328CVM240 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5328CVM240
Giải thích chi tiết về linh kiện  MCF532x ColdFire Microprocessor Data Sheet
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5328CVM240 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF5328CVM240 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5328CVM240 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
MCF532x Family Comparison
MCF532x ColdFire® Microprocessor Data Sheet, Rev. 5
Freescale Semiconductor
3
Figure 1. MCF5329 Block Diagram
1
MCF532x Family Comparison
The following table compares the various device derivatives available within the MCF532x family.
Table 1. MCF532x Family Configurations
Module
MCF5327
MCF5328
MCF53281
MCF5329
ColdFire Version 3 Core with EMAC
(Enhanced Multiply-Accumulate Unit)
•••
Core (System) Clock
up to 240 MHz
Peripheral and External Bus Clock
(Core clock
÷ 3)
up to 80 MHz
Performance (Dhrystone/2.1 MIPS)
up to 211
Unified Cache
16 Kbytes
Static RAM (SRAM)
32 Kbytes
FlexBus
D[31:0]
A[23:0]
R/W
CS[5:0]
TA
TS
XBS
M2
M1
M0
M5
PWMs, EPORT,
JTAG
TAP
TRST
TCLK
TMS
TDI
TDO
Cache
(1024x32)x4
DMA
UARTs
FlexCAN
I2C
QSPI
DMA Timers
Watchdog, PITs
16 KByte
Chip
External
Selects
(To/From PADI)
CANTX
CANRX
FEC
FEC
DMA Timer
SDRAMC
UART
I2C
SDRAMC
QSPI
JTAG_EN
RTC
USB Host
M4
LCDC
S4
S7
S1
Reset
PORTS
SDRAMC
SSI
LCDC
USB OTG
RESET
SRAM
(4096x32)x2
32 KByte
PLL
S6
SDRAMC
M6
USB Host
USB OTG
ULPI Interface
INTC0
INTC1
RCON
LCDC
SSI
V3 ColdFire CPU
DIV
EMAC
(To/From PADI)
RNGA
SKHA
MDHA
Cryptography
Modules
Interface
RSTOUT
(To/From SRAM backdoor)
(To/From XBS backdoor)
DREQn
DACKn
(To/From PADI)
USB Host
USB OTG
BE/BWE[3:0]
PWM
(To/From PADI)


Số phần tương tự - MCF5328CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
MCF5328CVM240 ANALOGICTECH-MCF5328CVM240 Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF5328CVM240 FREESCALE-MCF5328CVM240 Datasheet
979Kb / 48P
   Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5328CVM240 NXP-MCF5328CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
More results

Mô tả tương tự - MCF5328CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
logo
Freescale Semiconductor...
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
   ColdFire Microprocessor
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com