công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5327CVM240 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5327CVM240
Giải thích chi tiết về linh kiện  MCF532x ColdFire Microprocessor Data Sheet
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5327CVM240 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF5327CVM240 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5327CVM240 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5327CVM240 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5327CVM240 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5327CVM240 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5327CVM240 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5327CVM240 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5327CVM240 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5327CVM240 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
MCF532x ColdFire® Microprocessor Data Sheet, Rev. 5
Ordering Information
Freescale Semiconductor
4
2
Ordering Information
LCD Controller
SDR/DDR SDRAM Controller
USB 2.0 Host
USB 2.0 On-the-Go
UTMI+ Low Pin Interface (ULPI)
Synchronous Serial Interface (SSI)
Fast Ethernet Controller (FEC)
Cryptography Hardware Accelerators
Embedded Voice-over-IP System Solution
FlexCAN 2.0B communication module
UARTs
3333
I2C
•••
QSPI
PWM Module
Real Time Clock
32-bit DMA Timers
4444
Watchdog Timer (WDT)
Periodic Interrupt Timers (PIT)
4444
Edge Port Module (EPORT)
Interrupt Controllers (INTC)
2222
16-channel Direct Memory Access (DMA)
FlexBus External Interface
General Purpose I/O Module (GPIO)
JTAG - IEEE® 1149.1 Test Access Port
Package
196
MAPBGA
256
MAPBGA
256
MAPBGA
256
MAPBGA
Table 2. Orderable Part Numbers
Freescale Part
Number
Description
Package
Speed
Temperature
MCF5327CVM240
MCF5327 RISC Microprocessor
196 MAPBGA
240 MHz
–40
° to +85° C
MCF5328CVM240
MCF5328 RISC Microprocessor
256 MAPBGA
240 MHz
–40
° to +85° C
MCF53281CVM240
MCF53281 RISC Microprocessor
256 MAPBGA
240 MHz
–40
° to +85° C
MCF5329CVM240
MCF5329 RISC Microprocessor
256 MAPBGA
240 MHz
–40
° to +85° C
Table 1. MCF532x Family Configurations (continued)
Module
MCF5327
MCF5328
MCF53281
MCF5329


Số phần tương tự - MCF5327CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
MCF5327CVM240 ANALOGICTECH-MCF5327CVM240 Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF5327CVM240 FREESCALE-MCF5327CVM240 Datasheet
979Kb / 48P
   Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5327CVM240 NXP-MCF5327CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
More results

Mô tả tương tự - MCF5327CVM240

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
logo
Advanced Analogic Techn...
MCF5329DS ANALOGICTECH-MCF5329DS Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54418 NXP-MCF54418 Datasheet
1Mb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
Rev. 8, 06/2012
logo
Freescale Semiconductor...
MCF52277 FREESCALE-MCF52277_09 Datasheet
1Mb / 46P
   ColdFire Microprocessor
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235_10 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
SCF5249 FREESCALE-SCF5249 Datasheet
924Kb / 56P
   Integrated ColdFire Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com