công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA-360 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện CA-360
Giải thích chi tiết về linh kiện  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

CA-360 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CA-360 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-360 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-360 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-360 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-360 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-360 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA-360 Datasheet HTML 12Page - List of Unclassifed Manufacturers CA-360 Datasheet HTML 13Page - List of Unclassifed Manufacturers CA-360 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
307
122 x 122 x 90 mm
CA-215
Aluminium enclosure
122 x 122 x 80 mm
CA-220
Aluminium enclosure
220 x 122 x 80 mm
CA-230
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-215
920
122 x 122 x 90
Part number
121.0.0000.50
l
121.0.0010.50
121.0.0110.50
121.0.0080.50
121.0.0100.50
121.0.0060.50
121.0.0120.50
951.1.1500.00
l
982.1.0000.00
l
982.2.0010.00
l
981.0.0020.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
l
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
12
6422000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
CA-220
940
122 x 122 x 80
Part number
122.0.0000.00
l
122.0.0010.00
122.0.0270.00
122.0.0080.00
122.0.0100.00
122.0.0060.00
122.0.0610.00
951.1.0080.00
l
982.1.0000.00
l
982.2.0010.00
l
981.0.0020.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
12
6422000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
CA-230
1410
220 x 122 x 80
Part number
123.0.0000.00
l
123.0.0010.00
123.0.0160.00
123.0.0080.00
123.0.0100.00
123.0.0060.00
123.0.0150.00
951.1.0950.00
l
982.1.0050.00
l
982.2.0070.00
l
981.0.0080.00
l
982.4.0240.00
l
980.1.0470.00
l
980.1.0310.00
923.1.0060.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
27
12
854000
Side C/D
52210000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE
LID
BASE


Số phần tương tự - CA-360

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
CA-300 ETC2-CA-300 Datasheet
50Kb / 3P
   1/2 Disc Thermostats - Automatic Reset
CA-301 ETC1-CA-301 Datasheet
52Kb / 1P
   HIGH-STABILITY HIGH-FREQUENCY OSCILLATOR
logo
Epson ToYoCom
CA-301 EPSONTOYOCOM-CA-301 Datasheet
288Kb / 2P
   CYLINDER
CA-301 EPSONTOYOCOM-CA-301 Datasheet
202Kb / 1P
   CYLINDER
logo
Epson Company
CA-301 EPSON-CA-301 Datasheet
380Kb / 2P
   MHz RANGE CRYSTAL UNIT
More results

Mô tả tương tự - CA-360

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com