công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA-060 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện CA-060
Giải thích chi tiết về linh kiện  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

CA-060 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CA-060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA-060 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA-060 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-060 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-060 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-060 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-060 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA-060 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA-060 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
304
75 x 80 x 57 mm
CA-140
Aluminium enclosure
Type
Weight
(g)
External dimensions
(mm)
Complete enclosures
Coated, with gasket and lid screws
Coated, with gasket and hex. socket head screws
Coated, with silicone gasket and lid screws
Coated, with HF gasket and lid screws
Saltwater-proof coating, with gasket and lid screws
Saltwater-proof coating, passivated, lid screws with gasket
Unwashed, unpainted, no accessories
Accessories (separate or as a mounting set)
Mounting plate
TS 15 mounting rail
TS 32 mounting rail
TS 35 mounting rail
Grounding rail
External attachment brackets
External hinges side
Internal hinges with lid guiding**
Silicone gasket for wider temperature range (piece goods)
Max. Pg threads
125 x 80 x 57 mm
CA-150
Aluminium enclosure
* minimum dimensions at level of mounting plate support
* minimum dimensions at level of mounting plate support
CA-140
280
75 x 80 x 57
Part number
114.0.0000.00
l
114.0.0860.00
114.0.0080.00
114.0.0100.00
114.0.0060.00
114.0.0800.00
951.1.0040.00
l
982.0.0350.00
l
980.1.0440.00
l
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
52110000
Side C/D
32110000
** mechanical enclosure machining required
l = kept in stock
CA-150
435
125 x 80 x 57
Part number
115.0.0000.00
l
115.0.0090.00
115.0.0080.00
115.0.0100.00
115.0.0060.00
115.0.0190.00
982.3.0160.00
l
982.0.0100.00
l
980.1.0440.00
l
923.1.0050.00
l
ISO M
12
16
20
25
32
40
50
63
Side A/B
10
4320000
Side C/D
32100000
** mechanical enclosure machining required
l = kept in stock
LID
BASE
LID
BASE


Số phần tương tự - CA-060

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PREMO CORPORATION S.L
CA-050X PREMO-CA-050X Datasheet
290Kb / 1P
   PTH SMPS Current Transformer Up to 15A
More results

Mô tả tương tự - CA-060

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com