công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1L-2405S-NZ bảng dữ liệu(PDF) 6 Page - AIMTEC |
|
AM1L-2405S-NZ bảng dữ liệu(HTML) 6 Page - AIMTEC |
6 / 6 page Series AM1L-NZ 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R8.I 6 of 6 North America only Tolerance Graph Recommended Filter Circuit If it is required to decrease the input/output ripple, an “LC” filter network can be installed on the input and output of the converter (see above). It should be noted that the inductance and the resonant frequency of the “LC” filtering network should differ from the DC/DC converter switching frequency to avoid mutual interference. The capacitance of the output filter capacitor must not exceed the values in the Table below to avoid startup problems and ensure safe and reliable operation. It’s not recommended to connect any external capacitor in the application field when output loading is less than 0.5 watt. External Capacitor Tables Input Capacitor (Cin) Output Capacitor (Cout) NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com. Single Vout (VDC) Cout (uF) Dual Vout (Vdc) Cout (uF) Dual Seperated Vout (Vdc) Cout (uF) 5 10 ±5 4.7 5/5 4.7 9 4.7 ±9 2.2 9/9 2.2 12 2.2 ±12 1 12/12 1 15 1 ±15 0.47 15/15 0.47 Vin (VDC) Cin (uF) 5 4.7 12 2.2 Nominal Voltage Typical Load Line Tolerance Envelope Graph Output Current(%) +2.5% -2.5% -7.5% +10% +5% 10% 50% 100% DC DC +Cout +Vout - Vin Single Output + Vin - Vin + Cin L L DC DC + Vin - Vin + Cin + Cout + Cout +Vout -Vout Common Dual Output L L L DC DC + Vin - Vin + Cin + Cout + Cout +V1output -V2 output Dual Separated Output L L L -V1 output +V2 output |
Số phần tương tự - AM1L-2405S-NZ |
|
Mô tả tương tự - AM1L-2405S-NZ |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |