công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STW7N95K3 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
STW7N95K3 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
5 / 15 page STF7N95K3, STP7N95K3, STW7N95K3 Electrical characteristics 5/15 Table 6. Switching times Symbol Parameter Test conditions Min. Typ. Max Unit td(on) tr td(off) tf Turn-on delay time Rise time Turn-off-delay time Fall time VDD = 475 V, ID = 3.6 A, RG = 4.7 Ω, VGS = 10 V (see Figure 19) 14 9 36 23 ns ns ns ns Table 7. Source drain diode Symbol Parameter Test conditions Min. Typ. Max. Unit ISD ISDM (1) 1. Pulse width limited by safe operating area Source-drain current Source-drain current (pulsed) 7.2 28.8 A A VSD (2) 2. Pulsed: Pulse duration = 300 µs, duty cycle 1.5% Forward on voltage ISD = 7.2 A, VGS = 0 1.6 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 7.2 A, di/dt = 100A/µs VDD = 60 V (see Figure 24) 450 6 28 ns µC A trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD = 7.2 A, di/dt = 100 A/µs VDD = 60 V, Tj = 150 °C (see Figure 24) 550 8 28 ns µC A Table 8. Gate-source Zener diode Symbol Parameter Test conditions Min. Typ. Max. Unit BVGSO (1) 1. The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the usage of external components Gate-source breakdown voltage Igs=± 1mA (open drain) 30 V |
Số phần tương tự - STW7N95K3 |
|
Mô tả tương tự - STW7N95K3 |