công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZZL-4016-10P bảng dữ liệu(PDF) 3 Page - Amphenol Corporation

tên linh kiện ZZL-4016-10P
Giải thích chi tiết về linh kiện  Amphenol pyle MIL-C-26500 Connectors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ZZL-4016-10P bảng dữ liệu(HTML) 3 Page - Amphenol Corporation

  ZZL-4016-10P Datasheet HTML 1Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 2Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 3Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 4Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 5Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 6Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 7Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 8Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
Amphenol /Pyle
MIL-C-26500 Connectors - environmental
connectors for military/aerospace applications
®
®
High quality and dependability are the earned reputations of the Amphenol®/Pyle® Series
of connectors designed to meet the specification requirements of MIL-C-26500.
Serving such diverse fields as avionics, missile systems, aircraft general-purpose applications,
aircraft engines and firewalls, the Amphenol®/Pyle® MIL-C-26500 connector family meets the
myriad of problems with innovative connector solutions.
Amphenol ® /Pyle ® MIL-C-26500 Connectors are medium sized connectors with a rugged design,
lightweight construction and continuously dependable performance. This product family provides design fea-
tures and options which are listed below in the order of the sections of this catalog.
Aluminum Shells in threaded or bayonet coupling, proprietary (ZZY or ZZW),
or supplied to military classes R and G
general purpose, environmentally resistant
square flange or single hole receptacles, and straight plug shell styles
ratchet lock plug style, which eliminates the need for safety wiring, and a mating threaded receptacle
black anodize non-conductive finish for class R and a conductive finish in class G that provides a minimum
resistance path through the shell for grounding purposes
coupling nuts are hardcoat treated for added protection against wear
rear accessory threads accommodate standard MS27291 series cable supports or related accessory hardware
Stainless Steel Shells in threaded or bayonet coupling, proprietary (ZZY or ZZW),
or supplied to military class E
machined from 300 series stainless steel providing superior strength and wear characteristics
at elevated temperatures, 204°C (399°F), shells experience a less than 10% loss in yield strength
shell hardware resists corrosion for the life of the connector without the need of additional finishes
same shell styles offered as in aluminum
a variety of stainless steel accessories are available
Amphenol special application connector, 48 Series* receptacle short skirt
low profile design for restricted installation requirements
Wire splice connector
space saving, single contact, wire splice module
Firewall Capability Connectors meet the fireproof requirements of MIL-C-5015, Class K.
Proprietary (FPK or FYL), or supplied to military Class K
•also FPL - threaded coupling, same as FPK but used on Lockheed Aircraft. and FP5K - threaded coupling,
qualified for General Electric
non-magnetic stainless steel shells designed for superior strength and elevated temperatures up to 460°F
for extended periods
same shell styles as stainless steel and aluminum versions
Hermetically sealed MIL-C-26500 connectors, supplied to military class H are also available.
See page 26 for brief description
• See page 4 for hermetic insert availability
• Consult Amphenol, Sidney, NY for availability and ordering information.
Contacts and Accessories for MIL-C-26500 connectors
MIL-C-39029 qualified contacts and special application contacts including thermocouple, printed circuit board
and shielded/coaxial types
Boeing specification contacts
Aluminum and stainless steel cable supports; aluminum dummy receptacles
Contact crimping/ installation/removal tools for Amphenol 48 series and Pyle-National MIL-C-26500 series
* For more information on other Amphenol®/Pyle® 48 Series products
consult Amphenol, Sidney, NY.


Số phần tương tự - ZZL-4016-10P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
ZZL39 TSC-ZZL39 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
ZZL39V TSC-ZZL39V Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Mô tả tương tự - ZZL-4016-10P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
MIL-C-5015 AMPHENOL-MIL-C-5015 Datasheet
28Kb / 41P
   Amphenol MIL-C-5015 Connectors MS/DS Series Accessories Dimension
logo
Amphenol Aerospace Oper...
AMPHS12683-1 AAO-AMPHS12683-1 Datasheet
158Kb / 1P
   MIL-DTL-26500 Type – 48 Series
logo
Amphenol Corporation
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com