công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST16C2552CJ44-F bảng dữ liệu(PDF) 7 Page - Exar Corporation

tên linh kiện ST16C2552CJ44-F
Giải thích chi tiết về linh kiện  2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552CJ44-F bảng dữ liệu(HTML) 7 Page - Exar Corporation

Back Button ST16C2552CJ44-F Datasheet HTML 3Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 4Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 5Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 6Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 7Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 8Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 9Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 10Page - Exar Corporation ST16C2552CJ44-F Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ST16C2552
7
REV. 4.2.2
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
2.0 FUNCTIONAL DESCRIPTIONS
2.1
CPU Interface
The CPU interface is 8 data bits wide with 3 address lines and control signals to execute data bus read and
write transactions. The 2552 data interface supports the Intel compatible types of CPUs and it is compatible to
the industry standard 16C550 UART. No clock (oscillator nor external clock) is required to operate a data bus
transaction. Each bus cycle is asynchronous using CS#, IOR# and IOW# signals. Both UART channels share
the same data bus for host operations. The data bus interconnections are shown in Figure 3.
FIGURE 3.
ST16C2552 DATA BUS INTERCONNECTIONS
VCC
VCC
(OP2A#)
DSRA#
CTSA#
RTSA#
DTRA#
RXA
TXA
RIA#
CDA#
(OP2B#)
DSRB#
CTSB#
RTSB#
DTRB#
RXB
TXB
RIB#
CDB#
GND
A0
A1
A2
UART_CS#
UART_CHSEL
IOR#
IOW#
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
A2
CS#
CHSEL
D0
D1
D2
D3
D4
D5
D6
D7
IOR#
IOW#
UART
Channel A
UART
Channel B
UART_INTB
UART_INTA
INTB
INTA
(RXRDYA#)
TXRDYA#
(RXRDYA#)
TXRDYA#
(RXRDYB#)
TXRDYB#
(RXRDYB#)
TXRDYB#
UART_RESET
RESET
Serial Interface of
RS-232, RS-485
Serial Interface of
RS-232, RS-485
2750int
(BAUDOUTB#)
(BAUDOUTA#)
Pins in parentheses become available through the MF# pin. MF# A/B becomes RXRDY# A/B when AFR[2:1] = '10'. MF# A/B becomes OP2# A/B
when AFR[2:1] = '00'. MF# A/B becomes BAUDOUT# A/B when AFR[1:0] = '01'.
.
2.2
Device Reset
The RESET input resets the internal registers and the serial interface outputs in both channels to their default
state (see the Table 11). An active high pulse of longer than 40 ns duration will be required to activate the reset
function in the device.
2.3
Channel A and B Selection
The UART provides the user with the capability to bi-directionally transfer information between an external
CPU and an external serial communication device. A logic 0 on chip select pin (CS#) allows the user to select
the UART and then using the channel select (CHSEL) pin, the user can select channel A or B to configure,
send transmit data and/or unload receive data to/from the UART. Individual channel select functions are shown
in Table 1.
TABLE 1: CHANNEL A AND B SELECT
CS#
FUNCTION
1
X
UART de-selected
0
1
Channel A selected
0
0
Channel B selected
CHSEL


Số phần tương tự - ST16C2552CJ44-F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results

Mô tả tương tự - ST16C2552CJ44-F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552_06 Datasheet
673Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com