công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC14ABQ bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74LVC14ABQ
Giải thích chi tiết về linh kiện  Hex inverting Schmitt trigger with 5 V tolerant input
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC14ABQ bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC14ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC14ABQ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74LVC14A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 23 December 2011
8 of 18
NXP Semiconductors
74LVC14A
Hex inverting Schmitt trigger with 5 V tolerant input
13. Transfer characteristics
[1]
Typical transfer characteristic is displayed in Figure 9.
Table 9.
Transfer characteristics
Voltages are referenced to GND (ground = 0 V); see Figure 8.
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Max
Min
Max
VT+
positive-going
threshold voltage
VCC = 1.2 V
0.2
1.0
0.2
1.0
V
VCC = 1.65 V
0.4
1.3
0.4
1.3
V
VCC = 1.95 V
0.6
1.5
0.6
1.5
V
VCC = 2.3 V
0.8
1.7
0.8
1.7
V
VCC = 2.5 V
0.9
1.7
0.9
1.7
V
VCC = 2.7 V
1.1
2
1.1
2
V
VCC = 3 V
1.2
2
1.2
2
V
VCC = 3.6 V
1.2
2
1.2
2
V
VT
negative-going
threshold voltage
VCC = 1.2 V
0.12
0.75
0.12
0.75
V
VCC = 1.65 V
0.15
0.85
0.15
0.85
V
VCC = 1.95 V
0.25
0.95
0.25
0.95
V
VCC = 2.3 V
0.4
1.1
0.4
1.1
V
VCC = 2.5 V
0.4
1.2
0.4
1.2
V
VCC = 2.7 V
0.8
1.4
0.8
1.4
V
VCC = 3 V
0.8
1.5
0.8
1.5
V
VCC = 3.6 V
0.8
1.5
0.8
1.5
V
VH
hysteresis voltage
(VT+  VT)
VCC = 1.2 V
0.1
1.0
0.1
1.0
V
VCC = 1.65 V
0.2
1.15
0.2
1.15
V
VCC = 1.95 V
0.2
1.25
0.2
1.25
V
VCC = 2.3 V
0.3
1.3
0.3
1.3
V
VCC = 2.5 V
0.3
1.3
0.3
1.3
V
VCC = 2.7 V
0.3
1.1
0.3
1.1
V
VCC = 3 V
0.3
1.2
0.3
1.2
V
VCC = 3.6 V
[1]
0.3
1.2
0.3
1.2
V


Số phần tương tự - 74LVC14ABQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC14ABQ NXP-74LVC14ABQ Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14ABQ NXP-74LVC14ABQ Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14ABQ NXP-74LVC14ABQ Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
logo
Nexperia B.V. All right...
74LVC14ABQ NEXPERIA-74LVC14ABQ Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
74LVC14ABQ-Q100 NEXPERIA-74LVC14ABQ-Q100 Datasheet
793Kb / 17P
   Hex inverting Schmitt trigger with 5 V tolerant input
More results

Mô tả tương tự - 74LVC14ABQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC14APW NXP-74LVC14APW Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
logo
Nexperia B.V. All right...
74LVC14A NEXPERIA-74LVC14A Datasheet
273Kb / 16P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 9 - 20 September 2021
74LVC14A-Q100 NEXPERIA-74LVC14A-Q100 Datasheet
793Kb / 17P
   Hex inverting Schmitt trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC14APW-T NXP-74LVC14APW-T Datasheet
109Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14APW-T NXP-74LVC14APW-T Datasheet
137Kb / 18P
   Hex inverting Schmitt trigger with 5 V tolerant input
Rev. 5-23 December 2011
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
   Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
74LVC2G14 NXP-74LVC2G14 Datasheet
93Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 04-4 September 2007
74LVC3G14 NXP-74LVC3G14_08 Datasheet
113Kb / 18P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
   Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com