công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC02AD112 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74LVC02AD112
Giải thích chi tiết về linh kiện  Quad 2-input NOR gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC02AD112 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74LVC02AD112 Datasheet HTML 1Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 2Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 3Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 4Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 5Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 6Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 7Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 8Page - NXP Semiconductors 74LVC02AD112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74LVC02A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 16 November 2011
5 of 14
NXP Semiconductors
74LVC02A
Quad 2-input NOR gate
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
(C
L  VCC
2
 f
o) = sum of the outputs
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-40
A
I
CC
additional
supply
current
per input pin;
VCC = 2.7 V to 3.6 V;
VI =VCC  0.6 V; IO =0A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-
4.0
--
-pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA, nB to nY; see Figure 6
[2]
VCC =1.2 V
-
14
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
4.0
8.6
0.5
10.1
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
4.9
1.0
5.7
ns
VCC = 2.7 V
1.0
2.5
5.1
1.0
6.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
4.4
1.0
5.5
ns
tsk(o)
output skew time
VCC = 3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns
CPD
power dissipation
capacitance
per gate; VI =GND to VCC
[4]
VCC = 1.65 V to 1.95 V
-
2.5
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
5.7
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
8.5
-
-
-
pF


Số phần tương tự - 74LVC02AD112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC02AD PHILIPS-74LVC02AD Datasheet
88Kb / 10P
   Quad 2-input NOR gate
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC02AD NEXPERIA-74LVC02AD Datasheet
232Kb / 12P
   Quad 2-input NOR gate
Rev. 10 - 17 September 2021
74LVC02AD-Q100 NEXPERIA-74LVC02AD-Q100 Datasheet
746Kb / 14P
   Quad 2-input NOR gate
logo
NXP Semiconductors
74LVC02ADB PHILIPS-74LVC02ADB Datasheet
88Kb / 10P
   Quad 2-input NOR gate
1998 Apr 28
logo
ON Semiconductor
74LVC02ADR2G ONSEMI-74LVC02ADR2G Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
More results

Mô tả tương tự - 74LVC02AD112

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com