công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD18N65M5 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STD18N65M5
Giải thích chi tiết về linh kiện  N-channel 650 V, 0.198typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD18N65M5 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STD18N65M5 Datasheet HTML 1Page - STMicroelectronics STD18N65M5 Datasheet HTML 2Page - STMicroelectronics STD18N65M5 Datasheet HTML 3Page - STMicroelectronics STD18N65M5 Datasheet HTML 4Page - STMicroelectronics STD18N65M5 Datasheet HTML 5Page - STMicroelectronics STD18N65M5 Datasheet HTML 6Page - STMicroelectronics STD18N65M5 Datasheet HTML 7Page - STMicroelectronics STD18N65M5 Datasheet HTML 8Page - STMicroelectronics STD18N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is information on a product in full production.
July 2012
Doc ID 023446 Rev 1
1/18
18
STB18N65M5, STD18N65M5
N-channel 650 V, 0.198
Ω typ., 15 A MDmesh™ V Power MOSFET
in D²PAK and DPAK packages
Datasheet — production data
Features
Worldwide best RDS(on) * area
Higher VDSS rating and high dv/dt capability
Excellent switching performance
100% avalanche tested
Applications
Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order codes
VDSS @
TJmax
RDS(on)
max
ID
STB18N65M5
710 V
< 0.22
Ω
15 A
STD18N65M5
D2PAK
1
3
2
TAB
1
3
TAB
2
DPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB18N65M5
18N65M5
D2PAK
Tape and reel
STD18N65M5
DPAK
www.st.com


Số phần tương tự - STD18N65M5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
STD18N65M5 ISC-STD18N65M5 Datasheet
299Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - STD18N65M5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STB18N65M5 STMICROELECTRONICS-STB18N65M5 Datasheet
1,021Kb / 18P
   N-channel 650 V, 0.198 廓 typ., 15 A MDmesh??V Power MOSFET in D짼PAK and DPAK packages
STB16N65M5 STMICROELECTRONICS-STB16N65M5 Datasheet
1Mb / 19P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in D짼PAK, DPAK
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
   N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STP11NM65N STMICROELECTRONICS-STP11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 廓 typ., 11 A MDmesh?줚I Power MOSFET in DPAK, TO-220FP, I짼PAKFP and TO-220 packages
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com