công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STWA88N65M5 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STWA88N65M5
Giải thích chi tiết về linh kiện  N-channel 650 V, 0.024typ., 84 A, MDmesh??V Power MOSFET in TO-247 and TO-247 long leads packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA88N65M5 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STWA88N65M5 Datasheet HTML 1Page - STMicroelectronics STWA88N65M5 Datasheet HTML 2Page - STMicroelectronics STWA88N65M5 Datasheet HTML 3Page - STMicroelectronics STWA88N65M5 Datasheet HTML 4Page - STMicroelectronics STWA88N65M5 Datasheet HTML 5Page - STMicroelectronics STWA88N65M5 Datasheet HTML 6Page - STMicroelectronics STWA88N65M5 Datasheet HTML 7Page - STMicroelectronics STWA88N65M5 Datasheet HTML 8Page - STMicroelectronics STWA88N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID022522 Rev 4
3/15
STW88N65M5, STWA88N65M5
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
84
A
ID
Drain current (continuous) at TC = 100 °C
50.5
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
336
A
PTOT
Total dissipation at TC = 25 °C
450
W
IAR
Max current during repetitive or single pulse avalanche
(pulse width limited by TJMAX)
15
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
2000
mJ
dv/dt (2)
2.
ISD ≤ 84 A, di/dt = 400 A/µs, peak VDS < V(BR)DSS, VDD = 400 V
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
0.28
°C/W
Rthj-amb Thermal resistance junction-ambient max
50
°C/W
Tl
Maximum lead temperature for soldering purpose
300
°C


Số phần tương tự - STWA88N65M5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ZIEHL industrie-elektro...
STWA1 ZIEHL-STWA1 Datasheet
645Kb / 2P
   Current-Relay SolarYes
STWA1 ZIEHL-STWA1 Datasheet
265Kb / 1P
   Stromwandler Typ STWA1 f체r AC Stromerkennungsrelais
logo
Vitec Power
STWA11 Vitec-STWA11 Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
STWA11-S02 Vitec-STWA11-S02 Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
STWA11-S02 Vitec-STWA11-S02 Datasheet
288Kb / 2P
   10W Wall Mount Power for I.T. Equipment
More results

Mô tả tương tự - STWA88N65M5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STFW45N65M5 STMICROELECTRONICS-STFW45N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 35 A, 0.067 廓 typ., MDmesh??V Power MOSFETs in TO-3PF, TO-247 and TO-247 long leads packages
May 2014 Rev 2
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
   N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
December 2013
STW40N95DK5 STMICROELECTRONICS-STW40N95DK5 Datasheet
774Kb / 14P
   N-channel 950 V, 0.120 廓 typ., 38 A, MDmesh??DK5 Power MOSFETs in TO-247 and TO-247 long leads packages
December 2016 Rev 4
STW70N65DM6 STMICROELECTRONICS-STW70N65DM6 Datasheet
528Kb / 15P
   N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
DS12313 - Rev 2 - July 2019
STW75N60DM6 STMICROELECTRONICS-STW75N60DM6 Datasheet
333Kb / 14P
   N-channel 600 V, 32 m廓 typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
July 2020
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
STW40N90K5 STMICROELECTRONICS-STW40N90K5 Datasheet
779Kb / 14P
   N-channel 900 V, 0.088 ??typ., 40 A MDmesh??K5 Power MOSFETs in TO-247 and TO-247 long leads packages
November 2016 Rev 2
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
   N-channel 650 V, 0.160 廓 typ., 18 A MDmesh??V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STWA70N65DM6 STMICROELECTRONICS-STWA70N65DM6 Datasheet
949Kb / 12P
   N-channel 650 V, 36 m廓 typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
July 2020
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
   N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
May 2021 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com