công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL16C554AIFN bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL16C554AIFN
Giải thích chi tiết về linh kiện  ASYNCHRONOUS-COMMUNICATIONS ELEMENT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C554AIFN bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button TL16C554AIFN Datasheet HTML 5Page - Texas Instruments TL16C554AIFN Datasheet HTML 6Page - Texas Instruments TL16C554AIFN Datasheet HTML 7Page - Texas Instruments TL16C554AIFN Datasheet HTML 8Page - Texas Instruments TL16C554AIFN Datasheet HTML 9Page - Texas Instruments TL16C554AIFN Datasheet HTML 10Page - Texas Instruments TL16C554AIFN Datasheet HTML 11Page - Texas Instruments TL16C554AIFN Datasheet HTML 12Page - Texas Instruments TL16C554AIFN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
TL16C554A, TL16C554AI
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
SLLS509E − AUGUST 2001 − REVISED JUNE 2010
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions, low voltage (3.3-V nominal)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Clock high-level input voltage at XTAL1, VIH(CLK)
2
VCC
V
Clock low-level input voltage at XTAL1, VIL(CLK)
− 0.5
0.8
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
− 0.5
0.8
V
Clock frequency, fclock
16
MHz
Operating free air temperature T
TL16C554A
0
70
°C
Operating free-air temperature, TA
TL16C554AI
−40
85
°C
electrical characteristics over recommended ranges of operating free-air temperature and supply
voltage, low voltage (3.3-V nominal) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH‡
High-level output voltage
IOH = − 1 mA
2.4
V
VOL‡
Low-level output voltage
IOL = 1.6 mA
0.4
V
IIkg
Input leakage current
VCC = 3.6 V,
GND = 0,
VI = 0 to 3.6 V,
All other terminals floating
±10
μA
IOZ
High-impedance output
current
VCC = 3.6 V,
GND = 0,
VO = 0 to 3.6 V,
Chip selected in write mode or chip deselected
±20
μA
ICC
Supply current
VCC = 3.6 V,
TA = 25°C,
RX, DSR, DCD, CTS, and RI at 2 V,
All other inputs at 0.8 V, XTAL1 at 4 MHz,
No load on outputs,
Baud rate = 50 kilobits per second
40
mA
Ci(XTAL1)
Clock input capacitance
15
20
pF
Co(XTAL2)
Clock output capacitance
VCC = 0,
VSS = 0, all other terminals grounded,
20
30
pF
Ci
Input capacitance
VCC = 0,
VSS = 0, all other terminals grounded,
f = 1 MHz, TA = 25°C
6
10
pF
Co
Output capacitance
10
20
pF
All typical values are at VCC = 3.3 V, TA = 25°C.
These parameters apply for all outputs except XTAL2.
clock timing requirements over recommended ranges of operating free-air temperature and supply
voltage (see Figure 1)
MIN
MAX
UNIT
tw1
Pulse duration, clock high (external clock)
31
ns
tw2
Pulse duration, clock low (external clock)
31
ns
tw3
Pulse duration, RESET
1000
ns


Số phần tương tự - TL16C554AIFN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C554AI TI-TL16C554AI Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
More results

Mô tả tương tự - TL16C554AIFN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
logo
IK Semicon Co., Ltd
IN16C554PL IKSEMICON-IN16C554PL Datasheet
426Kb / 24P
   QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com