công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCCA000638 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện MCCA000638
Giải thích chi tiết về linh kiện  High Voltage Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MCCA000638 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MCCA000638 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCCA000638 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCCA000638 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCCA000638 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCCA000638 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCCA000638 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCCA000638 Datasheet HTML 10Page - List of Unclassifed Manufacturers MCCA000638 Datasheet HTML 11Page - List of Unclassifed Manufacturers MCCA000638 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HV MLCC
Page <8>
17/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Part Number Table
Description
Size Inch
(mm)
Dielectric Capacitance Tolerance
Rated
Voltage
(VDC)
Termination Part Number
Capacitor, 1206, NP0, 2,000 V, 3.3 pF
1206
(3216)
NP0
(C0G)
3.3 pF
±0.25 pF
2,000 V
Cu / Ni / Sn
MCCA000730
Capacitor, 1206, NP0, 2,000 V, 4.7 pF
4.7 pF
MCCA000731
Capacitor, 1206, NP0, 2,000 V, 6.8 pF
6.8 pF
MCCA000732
Capacitor, 1206, NP0, 2,000 V, 10 pF
10 pF
±5%
MCCA000733
Capacitor, 1206, NP0, 2,000 V, 15 pF
15 pF
MCCA000734
Capacitor, 1206, NP0, 2,000 V, 22 pF
22 pF
MCCA000735
Capacitor, 1206, NP0, 2,000 V, 33 pF
33 pF
MCCA000736
Capacitor, 1206, NP0, 2,000 V, 47 pF
47 pF
MCCA000737
Capacitor, 1206, NP0, 2,000 V, 68 pF
68 pF
MCCA000738
Capacitor, 1206, NP0, 2,000 V, 100 pF
100 pF
MCCA000739
Capacitor, 1206, NP0, 2,000 V, 150 pF
150 pF
MCCA000740
Capacitor, 1206, NP0, 2,000 V, 220 pF
220 pF
MCCA000741
Capacitor, 1206, X7R, 200 V, 150 pF
X7R
150 pF
±10%
200 V
MCCA000742
Capacitor, 1206, X7R, 200 V, 220 pF
220 pF
MCCA000743
Capacitor, 1206, X7R, 200 V, 330 pF
330 pF
MCCA000744
Capacitor, 1206, X7R, 200 V, 470 pF
470 pF
MCCA000745
Capacitor, 1206, X7R, 200 V, 680 pF
680 pF
MCCA000746
Capacitor, 1206, X7R, 200 V, 1 nF
1 nF
MCCA000747
Capacitor, 1206, X7R, 200 V, 1.5 nF
1.5 nF
MCCA000748
Capacitor, 1206, X7R, 200 V, 2.2 nF
2.2 nF
MCCA000749
Capacitor, 1206, X7R, 200 V, 3.3 nF
3.3 nF
MCCA000750
Capacitor, 1206, X7R, 200 V, 4.7 nF
4.7 nF
MCCA000751
Capacitor, 1206, X7R, 200 V, 6.8 nF
6.8 nF
MCCA000752
Capacitor, 1206, X7R, 200 V, 10 nF
10 nF
MCCA000753
Capacitor, 1206, X7R, 200 V, 33 nF
33 nF
MCCA000754
Capacitor, 1206, X7R, 200 V, 47 nF
47 nF
MCCA000755
Capacitor, 1206, X7R, 200 V, 68 nF
68 nF
MCCA000756
Capacitor, 1206, X7R, 200 V, 100 nF
100 nF
MCCA000757
Capacitor, 1206, X7R, 630 V, 150 pF
150 pF
630 V
MCCA000758
Capacitor, 1206, X7R, 630 V, 220 pF
220 pF
MCCA000759
Capacitor, 1206, X7R, 630 V, 330 pF
330 pF
MCCA000760
Capacitor, 1206, X7R, 630 V, 470 pF
470 pF
MCCA000761


Số phần tương tự - MCCA000638

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000159 AD-MCCA000159 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
MCCA000221 AD-MCCA000221 Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
List of Unclassifed Man...
MCCA000269 ETC2-MCCA000269 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
logo
Analog Devices
MCCA000274 AD-MCCA000274 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
More results

Mô tả tương tự - MCCA000638

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
S3AX103K2 SEMTECH-S3AX103K2 Datasheet
120Kb / 5P
   High Voltage Capacitors
180PF SEMTECH-180PF Datasheet
118Kb / 5P
   High Voltage Capacitors
logo
Superworld Electronics
V5N100-B-10 SUPERWORLD-V5N100-B-10 Datasheet
361Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V2N2R0L-B-10 SUPERWORLD-V2N2R0L-B-10 Datasheet
258Kb / 8P
   HIGH VOLTAGE CHIP CAPACITORS
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
   High Voltage DC Capacitors
Revision: 11-Aug-10
logo
Superworld Electronics
V3X471-B-10 SUPERWORLD-V3X471-B-10 Datasheet
364Kb / 10P
   HIGH VOLTAGE CHIP CAPACITORS
V7X103-B-10 SUPERWORLD-V7X103-B-10 Datasheet
469Kb / 13P
   HIGH VOLTAGE CHIP CAPACITORS
logo
List of Unclassifed Man...
DK-6R3D104T ETC2-DK-6R3D104T Datasheet
84Kb / 1P
   High Voltage Tolerance Capacitors
logo
Exxelia Group
CSERIES EXXELIA-CSERIES Datasheet
848Kb / 18P
   High Voltage Chips Capacitors
02/21
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com