công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33071PG bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC33071PG
Giải thích chi tiết về linh kiện  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071PG bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC33071PG Datasheet HTML 7Page - ON Semiconductor MC33071PG Datasheet HTML 8Page - ON Semiconductor MC33071PG Datasheet HTML 9Page - ON Semiconductor MC33071PG Datasheet HTML 10Page - ON Semiconductor MC33071PG Datasheet HTML 11Page - ON Semiconductor MC33071PG Datasheet HTML 12Page - ON Semiconductor MC33071PG Datasheet HTML 13Page - ON Semiconductor MC33071PG Datasheet HTML 14Page - ON Semiconductor MC33071PG Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
11
values of feedback resistances (lower current DACs). This
input pole can be compensated for by creating a feedback
zero with a capacitance across the feedback resistance, if
necessary, to reduce overshoot. For 2.0 k
W of feedback
resistance, the MC34071 series can settle to within 1/2 LSB
of 8−bits in 1.0
ms, and within 1/2 LSB of 12−bits in 2.2 ms
for a 10 V step. In a inverting unity gain fast settling
configuration, the symmetrical slew rate is
±13 V/ms. In the
classic noninverting unity gain configuration, the output
positive slew rate is +10 V/
ms, and the corresponding
negative slew rate will exceed the positive slew rate as a
function of the fall time of the input waveform.
Since the bipolar input device matching characteristics
are superior to that of JFETs, a low untrimmed maximum
offset voltage of 3.0 mV prime and 5.0 mV downgrade can
be economically offered with high frequency performance
characteristics. This combination is ideal for low cost
precision, high speed quad op amp applications.
The all NPN output stage, shown in its basic form on the
equivalent circuit schematic, offers unique advantages over
the more conventional NPN/PNP transistor Class AB output
stage. A 10 k
W load resistance can swing within 1.0 V of the
positive rail (VCC), and within 0.3 V of the negative rail
(VEE), providing a 28.7 Vpp swing from ±15 V supplies.
This large output swing becomes most noticeable at lower
supply voltages.
The positive swing is limited by the saturation voltage of
the current source transistor Q7, and VBE of the NPN pull up
transistor Q17, and the voltage drop associated with the short
circuit resistance, R7. The negative swing is limited by the
saturation voltage of the pull−down transistor Q16, the
voltage drop ILR6, and the voltage drop associated with
resistance R7, where IL is the sink load current. For small
valued sink currents, the above voltage drops are negligible,
allowing the negative swing voltage to approach within
millivolts of VEE. For large valued sink currents (>5.0 mA),
diode D3 clamps the voltage across R6, thus limiting the
negative swing to the saturation voltage of Q16, plus the
forward diode drop of D3 (
≈VEE +1.0 V). Thus for a given
supply voltage, unprecedented peak−to−peak output voltage
swing is possible as indicated by the output swing
specifications.
If the load resistance is referenced to VCC instead of
ground for single supply applications, the maximum
possible output swing can be achieved for a given supply
voltage. For light load currents, the load resistance will pull
the output to VCC during the positive swing and the output
will pull the load resistance near ground during the negative
swing. The load resistance value should be much less than
that of the feedback resistance to maximize pull up
capability.
Because the PNP output emitter−follower transistor has
been eliminated, the MC34071 series offers a 20 mA
minimum current sink capability, typically to an output
voltage of (VEE +1.8 V). In single supply applications the
output can directly source or sink base current from a
common emitter NPN transistor for fast high current
switching applications.
In addition, the all NPN transistor output stage is
inherently fast, contributing to the bipolar amplifier’s high
gain bandwidth product and fast settling capability. The
associated high frequency low output impedance (30
W typ
@ 1.0 MHz) allows capacitive drive capability from 0 pF to
10,000 pF without oscillation in the unity closed loop gain
configuration. The 60
° phase margin and 12 dB gain margin
as well as the general gain and phase characteristics are
virtually independent of the source/sink output swing
conditions. This allows easier system phase compensation,
since output swing will not be a phase consideration. The
high frequency characteristics of the MC34071 series also
allow excellent high frequency active filter capability,
especially for low voltage single supply applications.
Although the single supply specifications is defined at
5.0 V, these amplifiers are functional to 3.0 V @ 25
°C
although slight changes in parametrics such as bandwidth,
slew rate, and DC gain may occur.
If power to this integrated circuit is applied in reverse
polarity or if the IC is installed backwards in a socket, large
unlimited current surges will occur through the device that
may result in device destruction.
Special static precautions are not necessary for these
bipolar amplifiers since there are no MOS transistors on the
die.
As with most high frequency amplifiers, proper lead
dress, component placement, and PC board layout should be
exercised for optimum frequency performance. For
example, long unshielded input or output leads may result in
unwanted input−output coupling. In order to preserve the
relatively low input capacitance associated with these
amplifiers, resistors connected to the inputs should be
immediately adjacent to the input pin to minimize additional
stray input capacitance. This not only minimizes the input
pole for optimum frequency response, but also minimizes
extraneous “pick up” at this node. Supply decoupling with
adequate capacitance immediately adjacent to the supply pin
is also important, particularly over temperature, since many
types of decoupling capacitors exhibit great impedance
changes over temperature.
The output of any one amplifier is current limited and thus
protected from a direct short to ground. However, under
such conditions, it is important not to allow the device to
exceed the maximum junction temperature rating. Typically
for
±15 V supplies, any one output can be shorted
continuously to ground without exceeding the maximum
temperature rating.


Số phần tương tự - MC33071PG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33071PG ONSEMI-MC33071PG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071PG ONSEMI-MC33071PG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33071PG ONSEMI-MC33071PG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

Mô tả tương tự - MC33071PG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com