công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM3940IT-3.3 bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
LM3940IT-3.3 bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 18 page PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LM3940IMP-3.3 ACTIVE SOT-223 DCY 4 1000 TBD Call TI Call TI -40 to 125 L52B LM3940IMP-3.3/NOPB ACTIVE SOT-223 DCY 4 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L52B LM3940IMPX-3.3 ACTIVE SOT-223 DCY 4 2000 TBD Call TI Call TI -40 to 125 L52B LM3940IMPX-3.3/NOPB ACTIVE SOT-223 DCY 4 2000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L52B LM3940IS-3.3 ACTIVE DDPAK/ TO-263 KTT 3 45 TBD Call TI Call TI -40 to 125 LM3940IS -3.3 P+ LM3940IS-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 3 45 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM3940IS -3.3 P+ LM3940ISX-3.3 ACTIVE DDPAK/ TO-263 KTT 3 500 TBD Call TI Call TI -40 to 125 LM3940IS -3.3 P+ LM3940ISX-3.3/NOPB ACTIVE DDPAK/ TO-263 KTT 3 500 Pb-Free (RoHS Exempt) CU SN Level-3-245C-168 HR -40 to 125 LM3940IS -3.3 P+ LM3940IT-3.3 ACTIVE TO-220 NDE 3 45 TBD Call TI Call TI -40 to 125 LM3940IT -3.3 P+ LM3940IT-3.3/NOPB ACTIVE TO-220 NDE 3 45 Green (RoHS & no Sb/Br) CU SN Level-1-NA-UNLIM -40 to 125 LM3940IT -3.3 P+ (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) |
Số phần tương tự - LM3940IT-3.3 |
|
Mô tả tương tự - LM3940IT-3.3 |