công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3532 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM3532
Giải thích chi tiết về linh kiện  LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3532 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM3532_13 Datasheet HTML 1Page - Texas Instruments LM3532_13 Datasheet HTML 2Page - Texas Instruments LM3532_13 Datasheet HTML 3Page - Texas Instruments LM3532_13 Datasheet HTML 4Page - Texas Instruments LM3532_13 Datasheet HTML 5Page - Texas Instruments LM3532_13 Datasheet HTML 6Page - Texas Instruments LM3532_13 Datasheet HTML 7Page - Texas Instruments LM3532_13 Datasheet HTML 8Page - Texas Instruments LM3532_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
LM3532
www.ti.com
SNVS653D – JULY 2011 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS
(1)(2) (continued)
Limits in standard type face are for TA = +25°C and those in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA ≤ +85°C). Unless otherwise specified VIN = 3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Ambient Light Sensor Reference
VALS_REF
2.7V
≤ VIN ≤ 5.5V
1.94
2
2.06
V
Voltage
ALS Input Offset Voltage
VOS
2.7V
≤ VIN ≤ 5.5V
0.8
2.5
4.2
mV
(Code 0 to 1 transition - VLSB)
tCONV
Conversion Time
154
µs
LSB
ADC Resolution
2.7V
≤ VIN ≤ 5.5V
7.84
mV
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3532


Số phần tương tự - LM3532_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3532TME-40ANOPB TI1-LM3532TME-40ANOPB Datasheet
1Mb / 45P
[Old version datasheet]   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532TMX-40ANOPB TI1-LM3532TMX-40ANOPB Datasheet
1Mb / 45P
[Old version datasheet]   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
More results

Mô tả tương tự - LM3532_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3530 NSC-LM3530 Datasheet
331Kb / 4P
   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
[Old version datasheet]   High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
logo
ON Semiconductor
NCP5021 ONSEMI-NCP5021 Datasheet
357Kb / 17P
   High Voltage White LED Driver with Ambient Light Sensing
May, 2009 ??Rev. 0
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2023
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Vishay Siliconix
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com