công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3241 bảng dữ liệu(PDF) 17 Page - Texas Instruments

tên linh kiện LM3241
Giải thích chi tiết về linh kiện  LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3241 bảng dữ liệu(HTML) 17 Page - Texas Instruments

Back Button LM3241_13 Datasheet HTML 13Page - Texas Instruments LM3241_13 Datasheet HTML 14Page - Texas Instruments LM3241_13 Datasheet HTML 15Page - Texas Instruments LM3241_13 Datasheet HTML 16Page - Texas Instruments LM3241_13 Datasheet HTML 17Page - Texas Instruments LM3241_13 Datasheet HTML 18Page - Texas Instruments LM3241_13 Datasheet HTML 19Page - Texas Instruments LM3241_13 Datasheet HTML 20Page - Texas Instruments LM3241_13 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
LM3241
www.ti.com
SNOSB38B – JANUARY 2009 – REVISED APRIL 2013
Board Layout Considerations
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter IC, resulting in poor regulation or
instability. Poor layout can also result in re-flow problems leading to poor solder joints between the DSBGA
package and board pads — poor solder joints can result in erratic or degraded performance. Good layout for the
LM3241 can be implemented by following a few simple design rules, as illustrated in Figure 31.
Figure 31. LM3241 Board Layout
1. Place the LM3241 on 10.82 mil pads. As a thermal relief, connect each pad with a 7mil wide, approximately
7mil long trace, and then incrementally increase each trace to its optimal width. VIN and GND traces are
especially recommended to be as wide as possible. The important criterion is symmetry to ensure the solder
bumps re-flow evenly. (See AN-1112, Surface Mount Technology (SMD) Assembly Considerations..)
2. Place the LM3241, inductor, and filter capacitors close together and make the traces short. The traces
between these components carry relatively high switching current and act as antennae. Following this rule
reduces radiated noise. Special care must be given to place the input filter capacitor very close to the
VIN and GND pads.
3. Arrange the components so that the switching current loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor, through the LM3241 and inductor to the output filter
capacitor and back through ground, forming a current loop. In the second half of each cycle, current is pulled
up from ground, through the LM3241 by the inductor, to the output filter capacitor and then back through
ground, forming a second current loop. Routing these loops so the current curls in the same direction
prevents magnetic field reversal between the two half-cycles and reduces radiated noise.
4. Connect the ground pads of the LM3241 and filter capacitors together using generous component-side
copper fill as a pseudo-ground plane. Then connect this to the ground-plane (if one is used) with several
vias. This reduces ground-plane noise by preventing the switching currents from circulating through the
ground plane. It also reduces ground bounce at the LM3241 by giving it a low impedance ground connection.
5. Use side traces between the power components and for power connections to the DC-DC converter circuit.
This reduces voltage errors caused by resistive losses across the traces.
6. Route noise sensitive traces such as the voltage feedback path away from noisy traces between the power
components. The output voltage feedback point should be taken approximately 1.5 nH away from the output
capacitor. The feedback trace also should be routed opposite to noise components. The voltage feedback
trace must remain close to the LM3241 circuit and should be routed directly from FB to VOUT at the
inductor and should be routed opposite to noise components. This allows fast feedback and reduces
EMI radiated onto the DC-DC converter’s own voltage feedback trace.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3241


Số phần tương tự - LM3241_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
More results

Mô tả tương tự - LM3241_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com