công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2734YMK bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2734YMK
Giải thích chi tiết về linh kiện  LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734YMK bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM2734YMK Datasheet HTML 7Page - Texas Instruments LM2734YMK Datasheet HTML 8Page - Texas Instruments LM2734YMK Datasheet HTML 9Page - Texas Instruments LM2734YMK Datasheet HTML 10Page - Texas Instruments LM2734YMK Datasheet HTML 11Page - Texas Instruments LM2734YMK Datasheet HTML 12Page - Texas Instruments LM2734YMK Datasheet HTML 13Page - Texas Instruments LM2734YMK Datasheet HTML 14Page - Texas Instruments LM2734YMK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM2734
VIN
BOOST
SW
GND
L
D1
D2
D3
R3
C4
VBOOST
CBOOST
VZ
V
IN
C
IN
V
OUT
C
OUT
LM2734
VIN
BOOST
SW
GND
CBOOST
L
D1
D2
D3
CIN
VIN
COUT
VOUT
VBOOST
LM2734
www.ti.com
SNVS288I – SEPTEMBER 2004 – REVISED APRIIL 2013
Figure 25. Zener Reduces Boost Voltage from VIN
An alternative method is to place the zener diode D3 in a shunt configuration as shown in Figure 26. A small
350mW to 500mW 5.1V zener in a SOT or SOD package can be used for this purpose. A small ceramic
capacitor such as a 6.3V, 0.1µF capacitor (C4) should be placed in parallel with the zener diode. When the
internal NMOS switch turns on, a pulse of current is drawn to charge the internal NMOS gate capacitance. The
0.1 µF parallel shunt capacitor ensures that the VBOOST voltage is maintained during this time.
Resistor R3 should be chosen to provide enough RMS current to the zener diode (D3) and to the BOOST pin. A
recommended choice for the zener current (IZENER) is 1 mA. The current IBOOST into the BOOST pin supplies the
gate current of the NMOS control switch and varies typically according to the following formula for the X version:
IBOOST = 0.56 x (D + 0.54) x (VZENER – VD2) mA
(6)
IBOOST can be calculated for the Y version using the following:
IBOOST = 0.22 x (D + 0.54) x (VZENER - VD2) µA
(7)
where D is the duty cycle, VZENER and VD2 are in volts, and IBOOST is in milliamps. VZENER is the voltage applied to
the anode of the boost diode (D2), and VD2 is the average forward voltage across D2. Note that this formula for
IBOOST gives typical current. For the worst case IBOOST, increase the current by 40%. In that case, the worst case
boost current will be
IBOOST-MAX = 1.4 x IBOOST
(8)
R3 will then be given by
R3 = (VIN - VZENER) / (1.4 x IBOOST + IZENER)
(9)
For example, using the X-version let VIN = 10V, VZENER = 5V, VD2 = 0.7V, IZENER = 1mA, and duty cycle D = 50%.
Then
IBOOST = 0.56 x (0.5 + 0.54) x (5 - 0.7) mA = 2.5mA
(10)
R3 = (10V - 5V) / (1.4 x 2.5mA + 1mA) = 1.11k
(11)
Figure 26. Boost Voltage Supplied from the Shunt Zener on VIN
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2734


Số phần tương tự - LM2734YMK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2734YMK NSC-LM2734YMK Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734YMK TI1-LM2734YMK Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734YMK/NOPB TI1-LM2734YMK/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734YMKX NSC-LM2734YMKX Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734YMKX/NOPB TI1-LM2734YMKX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
More results

Mô tả tương tự - LM2734YMK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com