công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2734 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2734
Giải thích chi tiết về linh kiện  LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2734 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM2734 Datasheet HTML 1Page - Texas Instruments LM2734 Datasheet HTML 2Page - Texas Instruments LM2734 Datasheet HTML 3Page - Texas Instruments LM2734 Datasheet HTML 4Page - Texas Instruments LM2734 Datasheet HTML 5Page - Texas Instruments LM2734 Datasheet HTML 6Page - Texas Instruments LM2734 Datasheet HTML 7Page - Texas Instruments LM2734 Datasheet HTML 8Page - Texas Instruments LM2734 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM2734
www.ti.com
SNVS288I – SEPTEMBER 2004 – REVISED APRIIL 2013
LM2734 Thin SOT 1A Load Step-Down DC-DC Regulator
Check for Samples: LM2734
1
FEATURES
DESCRIPTION
The LM2734 regulator is a monolithic, high frequency,
234
Thin SOT-6 Package
PWM step-down DC/DC converter in a 6-pin Thin
3.0V to 20V Input Voltage Range
SOT package. It provides all the active functions to
0.8V to 18V Output Voltage Range
provide local DC/DC conversion with fast transient
response and accurate regulation in the smallest
1A Output Current
possible PCB area.
550kHz (LM2734Y) and 1.6MHz (LM2734X)
With a minimum of external components and online
Switching Frequencies
design support through WEBENCH®, the LM2734 is
300m
Ω NMOS Switch
easy to use. The ability to drive 1A loads with an
30nA Shutdown Current
internal 300m
Ω NMOS switch using state-of-the-art
0.8V, 2% Internal Voltage Reference
0.5µm BiCMOS technology results in the best power
density available. The world class control circuitry
Internal Soft-Start
allows for on-times as low as 13ns, thus supporting
Current-Mode, PWM Operation
exceptionally high frequency conversion over the
WEBENCH® Online Design Tool
entire 3V to 20V input operating range down to the
minimum output voltage of 0.8V. Switching frequency
Thermal Shutdown
is internally set to 550kHz (LM2734Y) or 1.6MHz
LM2734XQ/LM2734YQ are AEC-Q100 Grade 1
(LM2734X), allowing the use of extremely small
Qualified and are Manufactured on an
surface mount inductors and chip capacitors. Even
Automotive Grade Flow
though the operating frequencies are very high,
efficiencies up to 90% are easy to achieve. External
APPLICATIONS
shutdown is included, featuring an ultra-low stand-by
current of 30nA. The LM2734 utilizes current-mode
Local Point of Load Regulation
control and internal compensation to provide high-
Core Power in HDDs
performance
regulation
over
a
wide
range
of
Set-Top Boxes
operating
conditions.
Additional
features
include
internal soft-start circuitry to reduce inrush current,
Battery Powered Devices
pulse-by-pulse current limit, thermal shutdown, and
USB Powered Devices
output over-voltage protection.
DSL Modems
Notebook Computers
Automotive
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments, Inc..
3
WEBENCH is a registered trademark of Texas Instruments.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM2734

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734 TI1-LM2734 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734-Q1 TI1-LM2734-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Mô tả tương tự - LM2734

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2734 TI-LM2734_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2734 Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2734Z TI-LM2734Z_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2734Z/LM2734ZQ Thin SOT 1A Load Step-Down DC-DC Regulator
logo
National Semiconductor ...
LM2734 NSC-LM2734 Datasheet
459Kb / 22P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z NSC-LM2734Z Datasheet
775Kb / 9P
   Thin SOT23 1A Load Step-Down DC-DC Regulator
logo
Texas Instruments
LM2734Z TI1-LM2734Z_14 Datasheet
1Mb / 29P
[Old version datasheet]   Thin SOT23 1A Load Step-Down DC-DC Regulator
LM2734Z TI1-LM2734Z_16 Datasheet
1Mb / 36P
[Old version datasheet]   Thin SOT 1-A Load Step-Down DC-DC Regulator
LM2736YMKX TI-LM2736YMKX Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736YMK TI-LM2736YMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
LM2736XMK TI1-LM2736XMK Datasheet
1Mb / 31P
[Old version datasheet]   LM2736 Thin SOT 750mA Load Step-Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com