công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DZ5-CE007D bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện DZ5-CE007D
Giải thích chi tiết về linh kiện  Cable Ends
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

DZ5-CE007D bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DZ5-CE007D Datasheet HTML 2Page - List of Unclassifed Manufacturers DZ5-CE007D Datasheet HTML 3Page - List of Unclassifed Manufacturers DZ5-CE007D Datasheet HTML 4Page - List of Unclassifed Manufacturers DZ5-CE007D Datasheet HTML 5Page - List of Unclassifed Manufacturers DZ5-CE007D Datasheet HTML 6Page - List of Unclassifed Manufacturers DZ5-CE007D Datasheet HTML 7Page - List of Unclassifed Manufacturers DZ5-CE007D Datasheet HTML 8Page - List of Unclassifed Manufacturers DZ5-CE007D Datasheet HTML 9Page - List of Unclassifed Manufacturers DZ5-CE007D Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DZ5 Cable Ends
Ordering Information
© 1998 Square D All Rights Reserved
10
09/98
Accesories for Markers
Description
Application
Catalog Number
Weight per lot
in kg (lb)
Marker holder
Contains 10 empty
compartments, each capable
of holding 100 AR1-MA01
or AR1-MB01 markers
AT1PS1
0.300 (0.662)
Tool for quick positioning
of AR1-M•01 markers
On cable end tags
AT1PA1
0.010 (0.022)
Cabling Accessories
Description
Application
Catalog Number
Weight per lot
in kg (lb)
Automatic wire stripping tool
Strips 0.08 to 4 mm2 cable,
cuts 0.08 to 6 mm2 conductors.
Adjustable stripping and cutting
length.
AT1PA7
0.165 (0.364)
Automatic wire cutting-stripping tool
Cuts and strips in a single
operation; automatically adapts
to 0.4 to 4 mm2 conductors
without adjustment or selection.
AT2PE1
0.340 (0.750)
Storage case a
Contains 13 compartments for
cable ends and 1 compartment
for AT1PA7 automatic wire striping
tool.
AT1HB2
0.480 (1.058)
Cable end crimping tools
For 0.5 to 16 mm2 cables
AT1PA2
0.210 (0.463)
For 10 to 35 mm2 cables
AT1PA4
0.210 (0.463)
a
Storage case supplied empty. Order cables ends and stripping tool separately.
AT1PS1
AT1PA1
AT1PA7
AT2PE1
AT1HB2
AT1PA2


Số phần tương tự - DZ5-CE007D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
DZ5-CE007 ETC2-DZ5-CE007 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
More results

Mô tả tương tự - DZ5-CE007D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
DZ5-CE005 ETC2-DZ5-CE005 Datasheet
49Kb / 1P
   Insulated cable ends (without marking flag)
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
1658 POMONA-1658 Datasheet
37Kb / 1P
   Cable Assembly Type N Male Both Ends
2247 POMONA-2247 Datasheet
30Kb / 1P
   Miniature Double Banana Plug Both Ends Cable Assembly
2239 POMONA-2239 Datasheet
33Kb / 1P
   Single Stacking Banana Plugs Both Ends Cable Assembly
5223 POMONA-5223 Datasheet
25Kb / 1P
   Triaxial Cable Assembly Male Both Ends, 3 Lug
4813 POMONA-4813 Datasheet
22Kb / 1P
   Cable Assembly, Microware Right Angle SMA (Male) Both Ends
logo
Analog Devices
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
logo
Tensility International...
CA-2194 TENSILITY-CA-2194 Datasheet
95Kb / 2P
   Cable, P13 to stripped/tinned ends, 6 feet 24 AWG zip cord
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com