công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM1084IS-ADJ bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
LM1084IS-ADJ bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 22 page LM1084 www.ti.com SNVS037F – SEPTEMBER 1999 – REVISED MARCH 2013 Electrical Characteristics (continued) Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire junction temperature range for operation. Min Typ Max Symbol Parameter Conditions Units (1) (2) (1) Thermal Regulation TA = 25°C, 30ms Pulse 0.003 0.015 %/W Ripple Rejection fRIPPLE = 120Hz, = COUT = 25µF Tantalum, IOUT = 5A LM1084-ADJ, CADJ, = 25µF, (VIN−VO) = 3V 60 75 dB LM1084-3.3, VIN = 6.3V 60 72 dB LM1084-5.0, VIN = 8V 60 68 dB LM1084-12 VIN = 15V 54 60 dB Adjust Pin Current LM1084 55 120 µA Adjust Pin Current 10mA ≤ IOUT ≤ IFULL LOAD, 0.2 5 µA Change 1.5V ≤ VIN−VOUT ≤ 25V Temperature Stability 0.5 % Long Term Stability TA =125°C, 1000Hrs 0.3 1.0 % RMS Output Noise 10Hz ≤ f≤ 10kHz 0.003 % (% of VOUT) Thermal Resistance 3-Lead DDPAK/TO-263: Control Section/Output Section 0.65/2.7 °C/W Junction-to-Case 3-Lead TO-220: Control Section/Output Section 0.65/2.7 °C/W Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM1084 |
Số phần tương tự - LM1084IS-ADJ |
|
Mô tả tương tự - LM1084IS-ADJ |