công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78L12ACMX bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM78L12ACMX
Giải thích chi tiết về linh kiện  LM78LXX Series 3-Terminal Positive Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM78L12ACMX bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM78L12ACMX Datasheet HTML 1Page - Texas Instruments LM78L12ACMX Datasheet HTML 2Page - Texas Instruments LM78L12ACMX Datasheet HTML 3Page - Texas Instruments LM78L12ACMX Datasheet HTML 4Page - Texas Instruments LM78L12ACMX Datasheet HTML 5Page - Texas Instruments LM78L12ACMX Datasheet HTML 6Page - Texas Instruments LM78L12ACMX Datasheet HTML 7Page - Texas Instruments LM78L12ACMX Datasheet HTML 8Page - Texas Instruments LM78L12ACMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM78L05, LM78L09, LM78L12, LM78L15, LM78L62, LM78L82
SNVS754I – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
The LM78LXX is available in the plastic TO-92 (LP) package, the SOIC-8 (D) package and a chip sized package
(8-Bump DSBGA) using TI's DSBGA package technology. With adequate heat sinking the regulator can deliver
100mA output current. Current limiting is included to limit the peak output current to a safe value. Safe area
protection for the output transistors is provided to limit internal power dissipation. If internal power dissipation
becomes too high for the heat sinking provided, the thermal shutdown circuit takes over preventing the IC from
overheating.
Absolute Maximum Ratings
(1) (2)
Power Dissipation (3)
Internally Limited
Input Voltage
35V
Storage Temperature
−65°C to +150°C
ESD Susceptibility (4)
1kV
Operating Junction Temperature
LM78LxxACZ, TO-92
0°C to 125°C
LM78LxxACM, SOIC-8
0°C to 125°C
LM78LxxAIM, SOIC-8
-40°C to 125°C
LM78LxxIBPX, DSBGA
−40°C to 85°C
LM78LxxITP, Thin DSBGA
−40°C to 85°C
Soldering Information
Infrared or Convection (20 sec.)
235°C
Wave Soldering (10 sec.)
260°C (lead time)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside of its stated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Typical thermal resistance values for the packages are:
LP Package:
θJC = 60 °C/W, = θJA = 230 °C/W
D Package:
θJA = 180 °C/W
DSBGA Package:
θJA = 230.9°C/W
(4)
Human body model, 1.5 k
Ω in series with 100pF.
LM78LXX Electrical Characteristics LM78L05AC / LM78L05I
Limits in standard typeface are for TJ = 25°C, Bold typeface applies over the entire operating temperature range of the
indicated package. Limits are ensured by production testing or correlation techniques using standard Statistical Quality
Control (SQC) methods. Unless otherwise specified: IO = 40mA, CI = 0.33μF, CO = 0.1μF.
Unless otherwise specified, VIN = 10V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
4.8
5
5.2
7V
≤ VIN ≤ 20V
1mA
≤ IO ≤ 40mA
4.75
5.25
V
(1)
1mA
≤ IO ≤ 70mA
4.75
5.25
(1)
ΔVO
Line Regulation
7V
≤ VIN ≤ 20V
18
75
8V
≤ VIN ≤ 20V
10
54
mV
ΔVO
Load Regulation
1mA
≤ IO ≤ 100mA
20
60
1mA
≤ IO ≤ 40mA
5
30
(1)
Power dissipation
≤ 0.75W.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM78L05 LM78L09 LM78L12 LM78L15 LM78L62 LM78L82


Số phần tương tự - LM78L12ACMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM78L12ACMX NSC-LM78L12ACMX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM78L12ACMX TI1-LM78L12ACMX Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L12ACMX/NOPB TI1-LM78L12ACMX/NOPB Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L12ACMXNOPB TI1-LM78L12ACMXNOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM78L 100-mA Fixed Output Linear Regulator
JUNE 2020
More results

Mô tả tương tự - LM78L12ACMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM78L62ACZ TI1-LM78L62ACZ Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com