công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG719BRTZ-REEL bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện ADG719BRTZ-REEL
Giải thích chi tiết về linh kiện  CMOS 1.8 V to 5.5 V, 2.52:1 Mux/SPDT Switch in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG719BRTZ-REEL bảng dữ liệu(HTML) 2 Page - Analog Devices

  ADG719BRTZ-REEL Datasheet HTML 1Page - Analog Devices ADG719BRTZ-REEL Datasheet HTML 2Page - Analog Devices ADG719BRTZ-REEL Datasheet HTML 3Page - Analog Devices ADG719BRTZ-REEL Datasheet HTML 4Page - Analog Devices ADG719BRTZ-REEL Datasheet HTML 5Page - Analog Devices ADG719BRTZ-REEL Datasheet HTML 6Page - Analog Devices ADG719BRTZ-REEL Datasheet HTML 7Page - Analog Devices ADG719BRTZ-REEL Datasheet HTML 8Page - Analog Devices ADG719BRTZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADG719
Rev. D | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ..............................................7
Test Circuits........................................................................................9
Terminology .................................................................................... 11
Applications Information .............................................................. 12
ADG719 Supply Voltages .......................................................... 12
On Response vs. Frequency ...................................................... 12
Off Isolation ................................................................................ 12
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 14
REVISION HISTORY
3/10—Rev. C to Rev. D
Removed B Version Text............................................... Throughout
Changes to Figure 1.......................................................................... 1
Deleted Endnote 1 (Table 1)............................................................ 3
Deleted Endnote 1 (Table 2)............................................................ 4
Changes to Figure 2.......................................................................... 6
Changes to Ordering Guide .......................................................... 14
12/09—Rev. B to Rev. C
Updated Format..................................................................Universal
Changes to Table 3............................................................................ 5
Added Table 4.................................................................................... 6
Changes to Terminology Section.................................................. 11
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 14
7/02—Rev. A to Rev. B
.
Changes to Product Name............................................................... 1
Changes to Features.......................................................................... 1
Additions to Product Highlights .................................................... 1
Changes to Specifications ................................................................ 2
Edits to Absolute Maximum Ratings ............................................. 4
Changes to Terminology.................................................................. 4
Edits to Ordering Guide .................................................................. 4
Added New TPCs 4 and 5 ............................................................... 5
Replaced TPC 10............................................................................... 6
Test Circuits 6, 7, and 8 Replaced................................................... 7
Updated RM-8 and RT-6 Package Outlines ................................. 9


Số phần tương tự - ADG719BRTZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG719BRT AD-ADG719BRT Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
More results

Mô tả tương tự - ADG719BRTZ-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com