công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADG719BRT-500RL7 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
ADG719BRT-500RL7 bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 16 page ADG719 Rev. D | Page 4 of 16 VDD = 3 V ± 10%, GND = 0 V. Table 2. Parameter +25°C −40°C to +85°C −40°C to +125°C Unit Test Conditions/Comments ANALOG SWITCH 0 V to VDD V Analog Signal Range On Resistance (RON) 6 7 Ω typ VS = 0 V to VDD, IS = −10 mA; 10 12 Ω max See Figure 14 On Resistance Match Between Channels (ΔRON) 0.1 Ω typ VS = 0 V to VDD, IS = −10 mA 0.4 0.4 Ω max On Resistance Flatness (RFLAT(ON)) 2.5 Ω typ VS = 0 V to VDD, IS = −10 mA LEAKAGE CURRENTS VDD = 3.3 V Source Off Leakage IS (Off ) ±0.01 nA typ VS = 3 V/1 V, VD = 1 V/3 V; ±0.25 ±0.35 1 nA max See Figure 15 Channel On Leakage ID, IS (On) ±0.01 nA typ VS = VD = 1 V or VS = VD = 3 V; ±0.25 ±0.35 5 nA max See Figure 16 DIGITAL INPUTS Input High Voltage, VINH 2.0 V min Input Low Voltage, VINL 0.8 V max Input Current IINL or IINH 0.005 μA typ VIN = VINL or VINH ±0.1 μA max DYNAMIC CHARACTERISTICS1 tON 10 ns typ RL = 300 Ω, CL = 35 pF 15 ns max VS = 2 V; See Figure 17 tOFF 4 ns typ RL = 300 Ω, CL = 35 pF 8 ns max VS = 2 V; See Figure 17 Break-Before-Make Time Delay, tD 8 ns typ RL = 300 Ω, CL = 35 pF 1 ns min VS1 = VS2 = 2 V; See Figure 18 Off Isolation −67 dB typ RL = 50 Ω, CL = 5 pF, f = 10 MHz −87 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; See Figure 19 Channel-to-Channel Crosstalk −62 dB typ RL = 50 Ω, CL = 5 pF, f = 10 MHz −82 dB typ RL = 50 Ω, CL = 5 pF, f = 1 MHz; See Figure 20 Bandwidth −3 dB 200 MHz typ RL = 50 Ω, CL = 5 pF; See Figure 21 CS (Off ) 7 pF typ CD, CS (On) 27 pF typ POWER REQUIREMENTS VDD = 3.3 V Digital inputs = 0 V or 3.3 V IDD 0.001 μA typ 1.0 μA max 1 Guaranteed by design, not subject to production test. |
Số phần tương tự - ADG719BRT-500RL7 |
|
Mô tả tương tự - ADG719BRT-500RL7 |