công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG719BRM bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADG719BRM
Giải thích chi tiết về linh kiện  CMOS 1.8 V to 5.5 V, 2.52:1 Mux/SPDT Switch in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG719BRM bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADG719BRM Datasheet HTML 7Page - Analog Devices ADG719BRM Datasheet HTML 8Page - Analog Devices ADG719BRM Datasheet HTML 9Page - Analog Devices ADG719BRM Datasheet HTML 10Page - Analog Devices ADG719BRM Datasheet HTML 11Page - Analog Devices ADG719BRM Datasheet HTML 12Page - Analog Devices ADG719BRM Datasheet HTML 13Page - Analog Devices ADG719BRM Datasheet HTML 14Page - Analog Devices ADG719BRM Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG719
Rev. D | Page 11 of 16
TERMINOLOGY
RON
Ohmic Resistance between D and S.
ΔRON
On Resistance Match between Any Two Channels
that is, RON max − RON min.
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance, as measured over the specified
analog signal range.
IS (Off)
Source Leakage Current with the Switch Off.
ID, IS (On)
Channel Leakage Current with the Switch On.
VD (VS)
Analog Voltage on Terminals D and S.
CS (Off)
Off Switch Source Capacitance.
CD, CS (On)
On Switch Capacitance.
tON
Delay between Applying the Digital Control Input and the
Output Switching On.
tOFF
Delay between Applying the Digital Control Input and the
Output Switching Off.
tD
Off Time or On Time Measured between the 90% Points of
Both Switches, when Switching From One Address State to
Another.
Crosstalk
A Measure of Unwanted Signal That Is Coupled through from
One Channel to Another as a Result of Parasitic Capacitance.
Off Isolation
A Measure of Unwanted Signal Coupling through an Off Switch.
Bandwidth
The Frequency at Which the Output is Attenuated by −3 dBs.
On Response
The Frequency Response of the On Switch.
Insertion Loss
Loss due to On Resistance of Switch.


Số phần tương tự - ADG719BRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG719BRM AD-ADG719BRM Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
More results

Mô tả tương tự - ADG719BRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com