công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG719BRM bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG719BRM
Giải thích chi tiết về linh kiện  CMOS 1.8 V to 5.5 V, 2.52:1 Mux/SPDT Switch in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG719BRM bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG719BRM Datasheet HTML 1Page - Analog Devices ADG719BRM Datasheet HTML 2Page - Analog Devices ADG719BRM Datasheet HTML 3Page - Analog Devices ADG719BRM Datasheet HTML 4Page - Analog Devices ADG719BRM Datasheet HTML 5Page - Analog Devices ADG719BRM Datasheet HTML 6Page - Analog Devices ADG719BRM Datasheet HTML 7Page - Analog Devices ADG719BRM Datasheet HTML 8Page - Analog Devices ADG719BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS 1.8 V to 5.5 V, 2.5 Ω
2:1 Mux/SPDT Switch in SOT-23
ADG719
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2010 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
4 Ω (max) on resistance
0.75 Ω (typ) on resistance flatness
−3 dB bandwidth > 200 MHz
Rail-to-rail operation
6-Lead SOT-23 package and 8-Lead MSOP package
Fast switching times:
tON = 12 ns
tOFF = 6 ns
Typical power consumption: (< 0.01 μW)
TTL/CMOS compatible
APPLICATIONS
Battery-powered systems
Communication systems
Sample-and-hold systems
Audio signal routing
Video switching
Mechanical reed relay replacement
FUNCTIONAL BLOCK DIAGRAM
IN
ADG719
S2
NOTES
1. SWITCHES SHOWN FOR A LOGIC 1 INPUT.
S1
D
Figure 1.
GENERAL DESCRIPTION
The ADG719 is a monolithic CMOS SPDT switch. This switch
is designed on a submicron process that provides low power
dissipation yet gives high switching speed, low on resistance,
and low leakage currents.
The ADG719 can operate from a single-supply range of 1.8 V
to 5.5 V, making it ideal for use in battery-powered instruments
and with the new generation of DACs and ADCs from Analog
Devices, Inc.
Each switch of the ADG719 conducts equally well in both
directions when on. The ADG719 exhibits break-before-make
switching action.
Because of the advanced submicron process, −3 dB bandwidths
of greater than 200 MHz can be achieved.
The ADG719 is available in a 6-lead SOT-23 package and an
8-lead MSOP package.
PRODUCT HIGHLIGHTS
1.
1.8 V to 5.5 V Single-Supply Operation. The ADG719
offers high performance, including low on resistance and
fast switching times, and is fully specified and guaranteed
with 3 V and 5 V supply rails.
2.
Very Low RON (4 Ω Max at 5 V and 10 Ω Max at 3 V). At 1.8 V
operation, RON is typically 40 Ω over the temperature range.
3.
Automotive Temperature Range: −40°C to +125°C.
4.
On Resistance Flatness (RFLAT(ON)) (0.75 Ω typ).
5.
−3 dB Bandwidth > 200 MHz.
6.
Low Power Dissipation. CMOS construction ensures low
power dissipation.
7.
Fast tON/tOFF.
8.
Tiny, 6-lead SOT-23 and 8-lead MSOP packages.


Số phần tương tự - ADG719BRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG719BRM AD-ADG719BRM Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
More results

Mô tả tương tự - ADG719BRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG749BKSZ-REEL7 AD-ADG749BKSZ-REEL7 Datasheet
299Kb / 12P
   CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG859 AD-ADG859 Datasheet
278Kb / 16P
   1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
REV. 0
ADG779 AD-ADG779 Datasheet
385Kb / 8P
   CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV. 0
ADG854 AD-ADG854 Datasheet
195Kb / 12P
   0.5 廓 CMOS, 1.8 V to 5.5 V, Dual SPDT/2:1 Mux, Mini LFCSP
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
   0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
   0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG852 AD-ADG852 Datasheet
315Kb / 16P
   0.8 廓 CMOS, 2.3 V to 5.5 V, SPDT/2:1 Mux Mini LFCSP
REV. 0
ADG858 AD-ADG858 Datasheet
299Kb / 16P
   0.58 廓 CMOS, 2.3 V to 5.5 V, Quad SPDT/2:1 Mux in Mini LFCSP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com