công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7834P bảng dữ liệu(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7834P
Giải thích chi tiết về linh kiện  12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7834P bảng dữ liệu(HTML) 4 Page - Burr-Brown (TI)

  ADS7834P Datasheet HTML 1Page - Burr-Brown (TI) ADS7834P Datasheet HTML 2Page - Burr-Brown (TI) ADS7834P Datasheet HTML 3Page - Burr-Brown (TI) ADS7834P Datasheet HTML 4Page - Burr-Brown (TI) ADS7834P Datasheet HTML 5Page - Burr-Brown (TI) ADS7834P Datasheet HTML 6Page - Burr-Brown (TI) ADS7834P Datasheet HTML 7Page - Burr-Brown (TI) ADS7834P Datasheet HTML 8Page - Burr-Brown (TI) ADS7834P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADS7834
4
SBAS098A
www.ti.com
SUPPLY CURRENT vs SAMPLE RATE
400
100
600
200
300
500
Sample Rate (kHz)
1.7
2.4
2.3
2.2
2.1
2.0
1.9
1.8
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal +2.5V reference, unless otherwise specified.
FULL-SCALE ERROR vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (°C)
1
0
–1
–2
–3
–4
–5
–6
–7
–8
60
80
OFFSET VOLTAGE vs TEMPERATURE
–40
100
–20
0
20
40
Temperature (°C)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
60
80
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (°C)
390
470
440
430
420
410
400
450
460
60
80
SUPPLY CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (°C)
1.6
2.3
2.1
2.0
1.9
1.8
1.7
2.2
60
80
f
SAMPLE
= 500kHz
f
SAMPLE
= 125kHz
INTEGRAL LINEARITY and DIFFERENTIAL LINEARITY
vs SAMPLE RATE
300
100
600
200
400
Sample Rate (kHz)
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.1
500
Change in Integral
Linearity (LSB)
Change in Differential
Linearity (LSB)


Số phần tương tự - ADS7834P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7834P BURR-BROWN-ADS7834P Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7834P TI1-ADS7834P Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834PB BURR-BROWN-ADS7834PB Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7834PB TI1-ADS7834PB Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7834P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com