công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS7834P bảng dữ liệu(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADS7834P
Giải thích chi tiết về linh kiện  12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7834P bảng dữ liệu(HTML) 3 Page - Burr-Brown (TI)

  ADS7834P Datasheet HTML 1Page - Burr-Brown (TI) ADS7834P Datasheet HTML 2Page - Burr-Brown (TI) ADS7834P Datasheet HTML 3Page - Burr-Brown (TI) ADS7834P Datasheet HTML 4Page - Burr-Brown (TI) ADS7834P Datasheet HTML 5Page - Burr-Brown (TI) ADS7834P Datasheet HTML 6Page - Burr-Brown (TI) ADS7834P Datasheet HTML 7Page - Burr-Brown (TI) ADS7834P Datasheet HTML 8Page - Burr-Brown (TI) ADS7834P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADS7834
3
SBAS098A
www.ti.com
SPECIFICATIONS
At TA = –40°C to +85°C, +VCC = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, internal reference, unless otherwise specified.
ADS7834P, E
ADS7834PB, EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span(1)
+IN – (–IN)
0
VREF
✻✻
V
Absolute Input Range
+IN
–0.2
VREF +0.2
✻✻
V
–IN
–0.2
+0.2
✻✻
V
Capacitance
25
pF
Leakage Current
1
µA
SYSTEM PERFORMANCE
Resolution
12
Bits
No Missing Codes
12
Bits
Integral Linearity Error
±1
±2
±0.5
±1
LSB(2)
Differential Linearity Error
±0.8
±0.5
±1LSB
Offset Error
±2
±5
±1
LSB
Gain Error(3)
25
°C
±12
±30
±7
±15
LSB
–40
°C to +85°C
±50
±35
LSB
Common-Mode Rejection
DC, 0.2Vp-p
70
dB
1MHz, 0.2Vp-p
50
dB
Noise
60
µVrms
Power Supply Rejection
Worst Case
∆, +V
CC = 5V ±5%
1.2
LSB
SAMPLING DYNAMICS
Conversion Time
1.625
µs
Acquisition Time
0.350
µs
Throughput Rate
500
kHz
Aperture Delay
5
ns
Aperture Jitter
30
ps
Step Response
350
ns
DYNAMIC CHARACTERISTICS
Signal-to-Noise Ratio
VIN = 5Vp-p at 10kHz
72
dB
Total Harmonic Distortion(4)
VIN = 5Vp-p at 10kHz
–78
–72
–82
–75
dB
Signal-to-(Noise+Distortion)
VIN = 5Vp-p at 10kHz
68
70
70
72
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 10kHz
72
78
75
82
dB
Usable Bandwidth
SNR > 68dB
350
kHz
REFERENCE OUTPUT
Voltage
IOUT = 0
2.475
2.50
2.525
2.48
2.52
V
Source Current(5)
Static Load
50
µA
Drift
IOUT = 0
20
ppm /
°C
Line Regulation
4.75V
≤ V
CC ≤ 5.25V
0.6
mV
REFERENCE INPUT
Range
2.0
2.55
✻✻
V
Resistance(6)
to Internal Reference Voltage
10
✻✻
k
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels:
VIH
|IIH| ≤ +5µA
3.0
VCC +0.3
✻✻
V
VIL
|IIL| ≤ +5µA
–0.3
0.8
✻✻
V
VOH
IOH = –500µA
3.5
✻✻
V
VOL
IOL = 500µA
0.4
✻✻
V
Data Format
Straight Binary
POWER SUPPLY REQUIREMENT
+VCC
Specified Performance
4.75
5.25
✻✻
V
Quiescent Current
fSAMPLE = 500kHz
2.2
mA
Power-Down
0.5
mA
Power Dissipation
fSAMPLE = 500kHz
11
20
✻✻
mW
Power-Down
2.5
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as ADS7834P,E.
NOTES: (1) Ideal input span, does not include gain or offset error. (2) LSB means Least Significant Bit, with VREF equal to +2.5V, one LSB is 610µV. (3) Measured
relative to an ideal, full-scale input (+IN – (–IN)) of 2.499V. Thus, gain error includes the error of the internal voltage reference. (4) Calculated on the first nine
harmonics of the input frequency. (5) If the internal reference is required to source current to an external load, the reference voltage will change due to the internal
10k
Ω resistor. (6) Can vary ±30%.


Số phần tương tự - ADS7834P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7834P BURR-BROWN-ADS7834P Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7834P TI1-ADS7834P Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834PB BURR-BROWN-ADS7834PB Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7834PB TI1-ADS7834PB Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS7834P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 BURR-BROWN-ADS7834 Datasheet
145Kb / 13P
   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com