công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS41B29IRGZR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS41B29IRGZR
Giải thích chi tiết về linh kiện  14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS41B29IRGZR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADS41B29IRGZR Datasheet HTML 1Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 2Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 3Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 4Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 5Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 6Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 7Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 8Page - Texas Instruments ADS41B29IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
ADS41B29
ADS41B49
SBAS486E – NOVEMBER 2009 – REVISED JULY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: ADS41B29, ADS41B49
Typical values are at +25°C, AVDD = 1.8V, AVDD_BUF = 3.3V, DRVDD = 1.8V, 1.5VPP clock amplitude, 50% clock duty
cycle, –1dBFS differential analog input, and DDR LVDS interface, unless otherwise noted. Minimum and maximum values are
across the full temperature range: TMIN = –40°C to TMAX = +85°C, AVDD = 1.8V, AVDD_BUF = 3.3V, and DRVDD = 1.8V.
ADS41B29
ADS41B49
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Resolution
12
14
Bits
fIN = 20MHz
68.4
69.7
dBFS
fIN = 70MHz
68.3
69.5
dBFS
SNR (signal-to-noise ratio), LVDS
fIN = 100MHz
68.3
69.5
dBFS
fIN = 170MHz
65.5
68
66.5
69.1
dBFS
fIN = 300MHz
67.5
68.4
dBFS
fIN = 20MHz
68.3
69.5
dBFS
fIN = 70MHz
68.1
69.3
dBFS
SINAD
fIN = 100MHz
68.2
69.3
dBFS
(signal-to-noise and distortion ratio), LVDS
fIN = 170MHz
65
67.8
66
68.8
dBFS
fIN = 300MHz
66.5
67.4
dBFS
fIN = 20MHz
89
89
dBc
fIN = 70MHz
85
85
dBc
Spurious-free dynamic range
SFDR
fIN = 100MHz
87
87
dBc
fIN = 170MHz
71
82
72
82
dBc
fIN = 300MHz
75
75
dBc
fIN = 20MHz
85
85
dBc
fIN = 70MHz
82
82
dBc
Total harmonic distortion
THD
fIN = 100MHz
83
83
dBc
fIN = 170MHz
68
79.5
69
79.5
dBc
fIN = 300MHz
72
72
dBc
fIN = 20MHz
93
93
dBc
fIN = 70MHz
85
85
dBc
Second-harmonic distortion
HD2
fIN = 100MHz
87
87
dBc
fIN = 170MHz
71
87
72
87
dBc
fIN = 300MHz
80
80
dBc
fIN = 20MHz
93
93
dBc
fIN = 70MHz
88
88
dBc
Third-harmonic distortion
HD3
fIN = 100MHz
88
88
dBc
fIN = 170MHz
71
82
72
82
dBc
fIN = 300MHz
75
75
dBc
fIN = 20MHz
89
89
dBc
fIN = 70MHz
90
90
dBc
Worst spur
fIN = 100MHz
90
90
dBc
(other than second and third harmonics)
fIN = 170MHz
76
88
77.5
88
dBc
fIN = 300MHz
88
88
dBc
Two-tone intermodulation
f1 = 185MHz, f2 = 190MHz,
IMD
–86
–86
dBFS
distortion
each tone at –7dBFS
Recovery to within 1% (of final
Clock
Input overload recovery
value) for 6dB overload with sine-
1
1
cycles
wave input
For 100mVPP signal on AVDD
AC power-supply rejection ratio
PSRR
> 30
> 30
dB
supply, up to 10MHz
Effective number of bits
ENOB
fIN = 170MHz
11
11.2
LSBs
Integrated nonlinearity
INL
fIN = 170MHz
±1.5
±3.5
±2.5
±5
LSBs
4
Copyright © 2009–2012, Texas Instruments Incorporated


Số phần tương tự - ADS41B29IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS41B29IRGZR TI-ADS41B29IRGZR Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29IRGZR TI1-ADS41B29IRGZR Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
More results

Mô tả tương tự - ADS41B29IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
logo
Texas Instruments
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com