công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS41B49 bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện ADS41B49
Giải thích chi tiết về linh kiện  14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS41B49 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  ADS41B49_13 Datasheet HTML 1Page - Texas Instruments ADS41B49_13 Datasheet HTML 2Page - Texas Instruments ADS41B49_13 Datasheet HTML 3Page - Texas Instruments ADS41B49_13 Datasheet HTML 4Page - Texas Instruments ADS41B49_13 Datasheet HTML 5Page - Texas Instruments ADS41B49_13 Datasheet HTML 6Page - Texas Instruments ADS41B49_13 Datasheet HTML 7Page - Texas Instruments ADS41B49_13 Datasheet HTML 8Page - Texas Instruments ADS41B49_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
ADS41B29
ADS41B49
www.ti.com
SBAS486E – NOVEMBER 2009 – REVISED JULY 2012
RECOMMENDED OPERATING CONDITIONS
ADS41B29, ADS41B49
MIN
TYP
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
1.7
1.8
1.9
V
AVDD_BUF
Analog buffer supply voltage
3
3.3
3.6
V
DRVDD
Digital supply voltage
1.7
1.8
1.9
V
ANALOG INPUTS
Differential input voltage range(1)
1.5
VPP
Input common-mode voltage
1.7 ± 0.05
V
Maximum analog input frequency with 1.5VPP input amplitude
(2)
400
MHz
Maximum analog input frequency with 1VPP input amplitude
(2)
600
MHz
CLOCK INPUT
Low-speed mode enabled(3)
20
80
MSPS
ADS41B29/
ADS41B49
Low-speed mode disabled(3)
> 80
250
MSPS
Input clock amplitude differential (VCLKP – VCLKM)
Sine wave, ac-coupled
0.2
1.5
VPP
LVPECL, ac-coupled
1.6
VPP
LVDS, ac-coupled
0.7
VPP
LVCMOS, single-ended, ac-coupled
1.8
V
Low-speed mode enabled
40
50
60
%
Input clock duty
cycle
Low-speed mode disabled
35
50
65
%
DIGITAL OUTPUTS
CLOAD
Maximum external load capacitance from each output pin to DRGND
5
pF
Differential load resistance between the LVDS output pairs
RLOAD
100
Ω
(LVDS mode)
TA
Operating free-air temperature
–40
+85
°C
HIGH-PERFORMANCE MODES(4)(5)(6)
Set the MODE 1 register bits to get the best performance across sample
MODE 1
clock and input signal frequencies.
Register address = 03h, register data = 03h.
Set the MODE 2 register bit to get the best performance at high input signal
MODE 2
frequencies greater than 230MHz.
Register address = 4Ah, register data = 01h.
(1)
With 0dB gain. See the Gain for SFDR/SNR Trade-Off section in Application Information for the relationship between input voltage range
and gain.
(2)
See the Theory of Operation section in the Application Information.
(3)
See the Serial Interface section for details on the low-speed mode.
(4)
It is recommended to use these modes to get best performance. These modes can only be set with the serial interface.
(5)
See the Serial Interface section for details on register programming.
(6)
Note that these modes cannot be set when the serial interface is not used (when the RESET pin is tied high); see the Device
Configuration section.
Copyright © 2009–2012, Texas Instruments Incorporated
3


Số phần tương tự - ADS41B49_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS41B49IRGZR TI-ADS41B49IRGZR Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZR TI1-ADS41B49IRGZR Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
ADS41B49IRGZT TI-ADS41B49IRGZT Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49IRGZT TI1-ADS41B49IRGZT Datasheet
2Mb / 59P
[Old version datasheet]   Ultralow-Power ADCs
More results

Mô tả tương tự - ADS41B49_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
logo
Texas Instruments
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com