công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG708BRUZ bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADG708BRUZ
Giải thích chi tiết về linh kiện  CMOS, 1.8 V to 5.5 V/짹2.5 V, 3 廓 Low Voltage 4-/8-Channel Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG708BRUZ bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADG708BRUZ Datasheet HTML 6Page - Analog Devices ADG708BRUZ Datasheet HTML 7Page - Analog Devices ADG708BRUZ Datasheet HTML 8Page - Analog Devices ADG708BRUZ Datasheet HTML 9Page - Analog Devices ADG708BRUZ Datasheet HTML 10Page - Analog Devices ADG708BRUZ Datasheet HTML 11Page - Analog Devices ADG708BRUZ Datasheet HTML 12Page - Analog Devices ADG708BRUZ Datasheet HTML 13Page - Analog Devices ADG708BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG708/ADG709
Data Sheet
Rev. D | Page 10 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
A0
EN
S2
S3
S4
VSS
S1
D
A1
A2
S5
S6
S7
GND
VDD
S8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADG708
TOP VIEW
(Not to Scale)
Figure 3. ADG708 Pin Configuration
A0
EN
S2A
S3A
S4A
VSS
S1A
DA
A1
GND
S2B
S3B
S4B
VDD
S1B
DB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ADG709
TOP VIEW
(Not to Scale)
Figure 4. ADG709 Pin Configuration
Table 5. ADG708 Pin FunctionDescriptions
Pin No.
Mnemonic
Description
1
A0
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
2
EN
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
3
VSS
Most NegativePowerSupply PininDual-Supply Applications. For single-supplyapplications, it shouldbe tiedto GND.
4
S1
Source Terminal. Can be an input or output.
5
S2
Source Terminal. Can be an input or output.
6
S3
Source Terminal. Can be an input or output.
7
S4
Source Terminal. Can be an input or output.
8
D
DrainTerminal. Can be an input or output.
9
S8
Source Terminal. Can be an input or output.
10
S7
Source Terminal. Can be an input or output.
11
S6
Source Terminal. Can be an input or output.
12
S5
Source Terminal. Can be an input or output.
13
VDD
Most Positive Power Supply Pin.
14
GND
Ground (0 V) Reference.
15
A2
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
16
A1
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 7).
Table 6. ADG709 Pin FunctionDescriptions
Pin No.
Mnemonic
Description
1
A0
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).
2
EN
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).
3
VSS
Most NegativePowerSupply PininDual-Supply Applications. For single-supplyapplications, it shouldbe tiedto GND.
4
S1A
Source Terminal. Can be an input or output.
5
S2A
Source Terminal. Can be an input or output.
6
S3A
Source Terminal. Can be an input or output.
7
S4A
Source Terminal. Can be an input or output.
8
DA
DrainTerminal. Can be an input or output.
9
DB
DrainTerminal. Can be an input or output.
10
S4B
Source Terminal. Can be an input or output.
11
S3B
Source Terminal. Can be an input or output.
12
S2B
Source Terminal. Can be an input or output.
13
S1B
Source Terminal. Can be an input or output.
14
VDD
Most Positive Power Supply Pin.
15
GND
Ground (0 V) Reference.
16
A1
Digital Input. Controls the configuration of the switch, as shown in the truth table (see Table 8).


Số phần tương tự - ADG708BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708BRUZ AD-ADG708BRUZ Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG708BRUZ-REEL AD-ADG708BRUZ-REEL Datasheet
332Kb / 20P
   Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG708BRUZ-REEL AD-ADG708BRUZ-REEL Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG708BRUZ-REEL7 AD-ADG708BRUZ-REEL7 Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
More results

Mô tả tương tự - ADG708BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG708BRUZ-REEL7 AD-ADG708BRUZ-REEL7 Datasheet
332Kb / 20P
   CMOS, 1.8 V to 5.5 V/ 2.5 V, 3 Low Voltage 4-/8-Channel Multiplexers
Rev.D
ADG726 AD-ADG726 Datasheet
201Kb / 13P
   16-/32- Channel, 3.5 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD 2001
ADG706BRUZ AD-ADG706BRUZ Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG725 AD-ADG725 Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG707BRUZ AD-ADG707BRUZ Datasheet
222Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706 AD-ADG706_02 Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG726 AD-ADG726_02 Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG726BSUZ AD-ADG726BSUZ Datasheet
227Kb / 12P
   16-/32-Channel,4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG732BSUZ AD-ADG732BSUZ Datasheet
262Kb / 12P
   16-/32-Channel, 4  1.8 V to 5.5 V, 2.5 V Analog Multiplexers
REV. 0
ADG707BRUZ-REEL7 AD-ADG707BRUZ-REEL7 Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com