công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1048 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FIN1048
Giải thích chi tiết về linh kiện  3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1048 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FIN1048 Datasheet HTML 1Page - Fairchild Semiconductor FIN1048 Datasheet HTML 2Page - Fairchild Semiconductor FIN1048 Datasheet HTML 3Page - Fairchild Semiconductor FIN1048 Datasheet HTML 4Page - Fairchild Semiconductor FIN1048 Datasheet HTML 5Page - Fairchild Semiconductor FIN1048 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500588
www.fairchildsemi.com
September 2001
Revised August 2003
FIN1048
3.3V LVDS 4-Bit Flow-Through
High Speed Differential Receiver
General Description
This quad receiver is designed for high speed interconnect
utilizing Low Voltage Differential Signaling (LVDS) technol-
ogy. The receiver translates LVDS levels, with a typical dif-
ferential input threshold of 100mV, to LVTTL signal levels.
LVDS provides low EMI at ultra low power dissipation even
at high frequencies. This device is ideal for high speed
transfer of clock and data.
The FIN1048 can be paired with its companion driver, the
FIN1047, or any other LVDS driver.
Features
s Greater than 400Mbs data rate
s Flow-through pinout simplifies PCB layout
s 3.3V power supply operation
s 0.4ns maximum differential pulse skew
s 2.5ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s Fail safe protection for open-circuit, shorted and termi-
nated conditions
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Pin compatible with equivalent RS-422 and LVPECL
devices
s 16-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Fail Safe
= Open, Shorted, Terminated
Order Number
Package Number
Package Description
FIN1048M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1048MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Name
Description
ROUT1, ROUT2, ROUT3, ROUT4 LVTTL Data Outputs
RIN1+, RIN2+, RIN3+, RIN4+
Non-Inverting LVDS Inputs
RIN1−, RIN2−, RIN3−, RIN4−
Inverting LVDS Inputs
EN
Driver Enable Pin
EN
Inverting Driver Enable Pin
VCC
Power Supply
GND
Ground
Inputs
Outputs
EN
EN
RIN+
ROUT−
ROUT
HL or Open
H
L
H
HL or Open
L
H
L
H
L or Open Fail Safe Condition
H
XH
X
X
Z
L or Open
X
X
X
Z


Số phần tương tự - FIN1048

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048 FAIRCHILD-FIN1048 Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
logo
ON Semiconductor
FIN1048 ONSEMI-FIN1048 Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
FIN1048M ONSEMI-FIN1048M Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
FIN1048MTC ONSEMI-FIN1048MTC Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
More results

Mô tả tương tự - FIN1048

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FIN1048 ONSEMI-FIN1048 Datasheet
342Kb / 8P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
Revised August 2003
logo
Fairchild Semiconductor
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1047MX FAIRCHILD-FIN1047MX Datasheet
318Kb / 9P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
logo
ON Semiconductor
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1047 FAIRCHILD-FIN1047 Datasheet
315Kb / 9P
   3.3V LVDS 4-Bit Flow-Through
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com