công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6546T-I/LT bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP6546T-I/LT
Giải thích chi tiết về linh kiện  Open-Drain Output Sub-Microamp Comparators
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6546T-I/LT bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP6546T-I/LT Datasheet HTML 2Page - Microchip Technology MCP6546T-I/LT Datasheet HTML 3Page - Microchip Technology MCP6546T-I/LT Datasheet HTML 4Page - Microchip Technology MCP6546T-I/LT Datasheet HTML 5Page - Microchip Technology MCP6546T-I/LT Datasheet HTML 6Page - Microchip Technology MCP6546T-I/LT Datasheet HTML 7Page - Microchip Technology MCP6546T-I/LT Datasheet HTML 8Page - Microchip Technology MCP6546T-I/LT Datasheet HTML 9Page - Microchip Technology MCP6546T-I/LT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MCP6546/6R/6U/7/8/9
DS21714G-page 6
© 2002-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+ = VDD/2, VIN– = GND,
RPU = 2.74 kΩ to VPU =VDD, and CL = 36 pF.
FIGURE 2-1:
Input Offset Voltage at
VCM =VSS.
FIGURE 2-2:
Input Offset Voltage Drift at
VCM =VSS.
FIGURE 2-3:
The MCP6546/6R/6U/7/8/9
Comparators Show No Phase Reversal.
FIGURE 2-4:
Input Hysteresis Voltage at
VCM =VSS.
FIGURE 2-5:
Input Hysteresis Voltage
Linear Temp. Co. (TC1) at VCM =VSS.
FIGURE 2-6:
Input Hysteresis Voltage
Quadratic Temp. Co. (TC2) at VCM =VSS.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
-7 -6 -5 -4 -3 -2 -1 01
234567
Input Offset Voltage (mV)
1200 Samples
V
CM = VSS
0%
2%
4%
6%
8%
10%
12%
14%
16%
Input Offset Voltage Drift (µV/°C)
1200 Samples
V
CM = VSS
T
A = -40°C to +125°C
-1
0
1
2
3
4
5
6
7
0123
45678
9
10
Time (1 ms/div)
V
OUT
VIN
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
1.62.0 2.42.8 3.23.6 4.04.4 4.85.2 5.6 6.0
Input Hysteresis Voltage (mV)
1200 Samples
V
CM = VSS
0%
5%
10%
15%
20%
25%
Input Hysteresis Voltage –
Linear Temp. Co.; TC1 (µV/°C)
596 Samples
VCM = VSS
T
A = -40°C to +125°C
VDD = 1.6V
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
Input Hysteresis Voltage –
Quadratic Temp. Co.; TC
2 (µV/°C
2)
596 Samples
VCM = VSS
T
A = -40°C to +125°C
V
DD = 5.5V
VDD = 1.6V


Số phần tương tự - MCP6546T-I/LT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6546T-I/LT MICROCHIP-MCP6546T-I/LT Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
More results

Mô tả tương tự - MCP6546T-I/LT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
   Open-Drain Output Sub-Microamp Comparators
2003
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
   Open-Drain Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
logo
Texas Instruments
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
logo
3PEAK INC.
TP1945 3PEAK-TP1945 Datasheet
655Kb / 20P
   1.8V Micropower, RRIO, Open-Drain Output Comparators
LMV331TP 3PEAK-LMV331TP Datasheet
1Mb / 12P
   General Purpose, 1.8V, RRI, Open-Drain Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com