công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP6V11 bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện MCP6V11
Giải thích chi tiết về linh kiện  7.5 關A, 80 kHz Zero-Drift Op Amps
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V11 bảng dữ liệu(HTML) 3 Page - Microchip Technology

  MCP6V11 Datasheet HTML 1Page - Microchip Technology MCP6V11 Datasheet HTML 2Page - Microchip Technology MCP6V11 Datasheet HTML 3Page - Microchip Technology MCP6V11 Datasheet HTML 4Page - Microchip Technology MCP6V11 Datasheet HTML 5Page - Microchip Technology MCP6V11 Datasheet HTML 6Page - Microchip Technology MCP6V11 Datasheet HTML 7Page - Microchip Technology MCP6V11 Datasheet HTML 8Page - Microchip Technology MCP6V11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
© 2012 Microchip Technology Inc.
DS25124A-page 3
MCP6V11/1U
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .................................................................................................................................................................6.5V
Current at Input Pins ..............................................................................................................................................±2 mA
Analog Inputs (VIN+ and VIN–) (Note 1) .....................................................................................VSS – 1.0V to VDD+1.0V
All other Inputs and Outputs .......................................................................................................VSS – 0.3V to VDD+0.3V
Difference Input voltage .................................................................................................................................|VDD –VSS|
Output Short Circuit Current ........................................................................................................................... Continuous
Current at Output and Supply Pins ......................................................................................................................±30 mA
Storage Temperature .............................................................................................................................-65°C to +150°C
Maximum Junction Temperature .......................................................................................................................... +150°C
ESD protection on all pins (HBM, CDM, MM)
........................................................................................... ≥ 2kV, 1.5kV, 400V
Note 1:
See Section 4.2.1, Rail-to-Rail Inputs.
1.2
Specifications
†Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VDD = +1.6V to +5.5V, VSS = GND,
VCM = VDD/3,VOUT =VDD/2, VL =VDD/2, RL = 100 kΩ to VL and CL = 20 pF (refer to Figure 1-4 and Figure 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-8
+8
µV
TA = +25°C
Input Offset Voltage Drift with
Temperature (Linear Temp. Co.)
TC1
-50
+50
nV/°C TA = -40 to +125°C
(Note 1)
Input Offset Voltage Quadratic
Temp. Co.
TC2
—±0.08
nV/°C2 TA = -40 to +125°C
Power Supply Rejection
PSRR
118
135
dB
Input Bias Current and Impedance
Input Bias Current
IB
—+5
pA
Input Bias Current across Temperature
IB
—+17
pA
TA = +85°C
IB
0+2.9
+5
nA
TA = +125°C
Input Offset Current
IOS
—±50
pA
Input Offset Current across Temperature
IOS
—±80
pA
TA = +85°C
IOS
-1
±0.4
+1
nA
TA = +125°C
Common Mode Input Impedance
ZCM
—1013||6
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
Ω||pF
Note 1:
For Design Guidance only; not tested.
2:
Figure 2-18 shows how VCML and VCMH changed across temperature for the first production lot.


Số phần tương tự - MCP6V11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V16/6U/7/9 MICROCHIP-MCP6V16/6U/7/9 Datasheet
2Mb / 52P
   5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V16T-ELTY MICROCHIP-MCP6V16T-ELTY Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V16T-EMNY MICROCHIP-MCP6V16T-EMNY Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V16T-EMS MICROCHIP-MCP6V16T-EMS Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
More results

Mô tả tương tự - MCP6V11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP6V16 MICROCHIP-MCP6V16 Datasheet
3Mb / 52P
   7.5 關A, 80 kHz Zero-Drift Op Amps
05/14/19
MCP6V31 MICROCHIP-MCP6V31 Datasheet
3Mb / 40P
   23 關A, 300 kHz Zero-Drift Op Amps
11/29/11
MCP6V36 MICROCHIP-MCP6V36 Datasheet
3Mb / 50P
   23 關A, 300 kHz Zero-Drift Op Amps
05/14/19
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
logo
3PEAK INC.
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
   1.8V, 34關A, RRIO, Zero Drift Op-amps
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
   170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
   10 MHz, Zero-Drift Op Amps
Revision A November 2020
logo
3PEAK INC.
LMV321B 3PEAK-LMV321B Datasheet
1Mb / 16P
   1MHz, 80關A, RRIO, Op Amps
TP6001 3PEAK-TP6001 Datasheet
944Kb / 17P
   1MHz, 80關A, RRIO, Op Amps
LMV358BP 3PEAK-LMV358BP Datasheet
1,016Kb / 12P
   1MHz, 80關A, RRIO, Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com