công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1028 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FIN1028
Giải thích chi tiết về linh kiện  3.3V LVDS 2-Bit High Speed Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1028 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FIN1028 Datasheet HTML 1Page - Fairchild Semiconductor FIN1028 Datasheet HTML 2Page - Fairchild Semiconductor FIN1028 Datasheet HTML 3Page - Fairchild Semiconductor FIN1028 Datasheet HTML 4Page - Fairchild Semiconductor FIN1028 Datasheet HTML 5Page - Fairchild Semiconductor FIN1028 Datasheet HTML 6Page - Fairchild Semiconductor FIN1028 Datasheet HTML 7Page - Fairchild Semiconductor FIN1028 Datasheet HTML 8Page - Fairchild Semiconductor FIN1028 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 4: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 5: tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and are switching in the same direc-
tion.
Note 6: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (RINx+, RINx−)
−0.5V to +4.7V
DC Output Voltage (ROUTx)
−0.5V to +6V
DC Output Current (IO)16 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
≥ 6500V
ESD (Machine Model)
≥ 300V
Supply Voltage (VCC)
3.0V to 3.6V
Input Voltage (VIN)
0 to VCC
Magnitude of Differential Voltage
(|VID|)
100 mV to VCC
Common-mode Input Voltage
(VIC)
0.05V to 2.35V
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
VTH
Differential Input Threshold HIGH
See Figure 1 and Table 1
100
mV
VTL
Differential Input Threshold LOW
See Figure 1 and Table 1
−100
mV
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-OFF Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VOH
Output HIGH Voltage
IOH = −100 µAVCC −0.2
V
IOH = −8 mA
2.4
VOL
Output LOW Voltage
IOH = 100 µA0.2
V
IOL = 8 mA
0.5
VIK
Input Clamp Voltage
IIK = −18 mA
−1.5
V
ICC
Power Supply Current
(RIN+ = 1V and RIN− = 1.4V) or
9mA
(RIN+ = 1.4V and RIN− = 1V)
CIN
Input Capacitance
4pF
COUT
Output Capacitance
6pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 4)
tPLH
Differential Propagation Delay
0.9
2.5
ns
LOW-to-HIGH
tPHL
Differential Propagation Delay
0.9
2.5
ns
HIGH-to-LOW
tTLH
Output Rise Time (20% to 80%)
|VID| = 400 mV, CL = 10 pF,
0.5
ns
tTHL
Output Fall Time (80% to 20%)
See Figure 1 and Figure 2
0.5
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.4
ns
tSK(LH),
Channel-to-Channel Skew
0.3
ns
tSK(HL)
(Note 5)
tSK(PP)
Part-to-Part Skew (Note 6)
1.0
ns


Số phần tương tự - FIN1028

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
logo
Fairchild Semiconductor
FIN1028K8X FAIRCHILD-FIN1028K8X Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028M FAIRCHILD-FIN1028M Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028M ONSEMI-FIN1028M Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
More results

Mô tả tương tự - FIN1028

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
logo
Fairchild Semiconductor
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com