công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1019MX bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện FIN1019MX
Giải thích chi tiết về linh kiện  3.3V LVDS High Speed Differential Driver/Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1019MX bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  FIN1019MX Datasheet HTML 1Page - Fairchild Semiconductor FIN1019MX Datasheet HTML 2Page - Fairchild Semiconductor FIN1019MX Datasheet HTML 3Page - Fairchild Semiconductor FIN1019MX Datasheet HTML 4Page - Fairchild Semiconductor FIN1019MX Datasheet HTML 5Page - Fairchild Semiconductor FIN1019MX Datasheet HTML 6Page - Fairchild Semiconductor FIN1019MX Datasheet HTML 7Page - Fairchild Semiconductor FIN1019MX Datasheet HTML 8Page - Fairchild Semiconductor FIN1019MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 5V.
Note 4: tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two devices switching in the same direction
(either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with the same supply voltage, same temperature, and have identical test circuits.
Device Characteristics
ICC
Power Supply Current
Driver Enabled, Driver Load: RL = 100 Ω
12.5
mA
Receiver Disabled, No Receiver Load
Driver Enabled, Driver Load: RL = 100 Ω,
12.5
mA
Receiver Enabled, (RIN+ = 1V and RIN− = 1.4V)
or (RIN+ = 1.4V and ROUT− = 1V)
Driver Disabled, Receiver Enabled,
7.0
mA
(RIN+ = 1V and RIN− = 1.4V) or
(RIN+ = 1.4V and RIN− = 1V)
Driver Disabled, Receiver Disabled
7.0
mA
CIN
Input Capacitance
Any LVTTL or LVDS Input
4
pF
COUT
Output Capacitance
Any LVTTL or LVDS Output
6
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
Driver Timing Characteristics
tPLHD
Differential Propagation Delay
0.5
1.5
ns
LOW-to-HIGH
tPHLD
Differential Propagation Delay
0.5
1.5
ns
HIGH-to-LOW
RL = 100 Ω, CL = 10 pF,
tTLHD
Differential Output Rise Time (20% to 80%)
See Figure 2 and Figure 3
0.4
1.0
ns
tTHLD
Differential Output Fall Time (80% to 20%)
0.4
1.0
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.5
ns
tSK(PP)
Part-to-Part Skew (Note 4)
1.0
ns
tZHD
Differential Output Enable Time from Z to HIGH RL = 100Ω, CL = 10 pF,
5.0
ns
tZLD
Differential Output Enable Time from Z to LOW
See Figure 4 and Figure 5
5.0
ns
tHZD
Differential Output Disable Time from HIGH to Z
5.0
ns
tLZD
Differential Output Disable Time from LOW to Z
5.0
ns
Receiver Timing Characteristics
tPLH
Propagation Delay LOW-to-HIGH
0.9
2.5
ns
tPHL
Propagation Delay HIGH-to-LOW
0.9
2.5
ns
tTLH
Output Rise time (20% to 80%)
|VID| = 400 mV, CL = 10 pF,
0.5
ns
tTHL
Output Fall time (80% to 20%)
See Figure 6 and Figure 7
0.5
ns
tSK(P)
Pulse Skew | tPLH - tPHL |
0.5
ns
tSK(PP)
Part-to-Part Skew (Note 4)
1.0
ns
tZH
LVTTL Output Enable Time from Z to HIGH
5.0
ns
tZL
LVTTL Output Enable Time from Z to LOW
RL = 500 Ω, CL = 10 pF,
5.0
ns
tHZ
LVTTL Output Disable Time from HIGH to Z
See Figure 8
5.0
ns
tLZ
LVTTL Output Disable Time from LOW to Z
5.0
ns


Số phần tương tự - FIN1019MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FIN1019M ONSEMI-FIN1019M Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
FIN1019MTC ONSEMI-FIN1019MTC Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
More results

Mô tả tương tự - FIN1019MX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com