công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1022 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện FIN1022
Giải thích chi tiết về linh kiện  2 X 2 LVDS High Speed Crosspoint Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1022 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  FIN1022 Datasheet HTML 1Page - Fairchild Semiconductor FIN1022 Datasheet HTML 2Page - Fairchild Semiconductor FIN1022 Datasheet HTML 3Page - Fairchild Semiconductor FIN1022 Datasheet HTML 4Page - Fairchild Semiconductor FIN1022 Datasheet HTML 5Page - Fairchild Semiconductor FIN1022 Datasheet HTML 6Page - Fairchild Semiconductor FIN1022 Datasheet HTML 7Page - Fairchild Semiconductor FIN1022 Datasheet HTML 8Page - Fairchild Semiconductor FIN1022 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 4: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 5: Part-to-part skew is the maximum delay time difference on like edges (LOW-to-HIGH or HIGH-to-LOW) for the same VCC and temperature condi-
tions.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 4)
tPLHD
Differential Output Propagation Delay
0.7
1.6
ns
LOW-to-HIGH
RL = 75 Ω, CL = 5 pF,
1.0
1.2
1.3
tPHLD
Differential Output Propagation Delay
VCC = 3.3V, TA = 25°C0.7
1.6
ns
HIGH-to-LOW
See Figure 4 and Figure 5
1.0
1.2
1.3
tTLHD
Differential Output Rise Time (20% to 80%)
290
580
ps
tTHLD
Differential Output Fall Time (80% to 20%)
290
580
ps
tPLH
Selection Propagation Delay
0.6
1.5
ns
LOW-to-HIGH (SELn to OUTn)RL = 75 Ω, CL = 5 pF,
0.9
1.1
1.2
tPHL
Selection Propagation Delay
VCC = 3.3V, TA = 25°C0.6
1.5
ns
HIGH-to-LOW (SELn to OUTn)
See Figure 6 and Figure 7
0.9
1.1
1.2
tZHD
Differential Output Enable Time
3.5
ns
from Z-to-HIGH
tZLD
Differential Output Enable Time
3.5
ns
from Z-to-LOW
RL = 75Ω, CL = 5 pF
tHZD
Differential Output Disable Time
See Figure 8 and Figure 9
3.5
ns
from HIGH-to-Z
tLZD
Differential Output Disable Time
3.5
ns
from LOW-to-Z
tSET
Input (INn+/INn−) Setup Time to SELn
See Figure 10
0.5
0.3
ns
tHOLD
Input (INn+/INn−) Hold Time to SELn
See Figure 10
0.5
0.3
ns
tJIT
Output Peak-to-Peak Jitter
223
−1 PRBS Sequence at 800 Mbps
190
ps
50% Duty Cycle at 800 Mbps
20
35
ps
fTOG
Maximum Toggle Frequency
RL = 75 Ω, CL = 5 pF, See Figure 4
800
900
Mbps
tSKEW
Within Device Channel-to-Channel Skew
35
80
ps
Pulse Skew |tPLHD -tPHLD|
0
225
ps
Part-to-Part Skew (Note 5)
100
500
ps


Số phần tương tự - FIN1022

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025MTC FAIRCHILD-FIN1025MTC Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026MTC FAIRCHILD-FIN1026MTC Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results

Mô tả tương tự - FIN1022

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com