công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FMBTA92 bảng dữ liệu(PDF) 1 Page - First Components International |
|
FMBTA92 bảng dữ liệu(HTML) 1 Page - First Components International |
1 / 2 page Description Mechanical Dimensions SOT-23 Dimension in Inch □ JUNCTION TEMPERATURE ----------------------------- +150℃ MAX □ STORAGE TEMPERATURE ------------------------------ -55~ + 150℃ □ MAX POWER DISSIPATION Ta=25℃ ----------------- 250mW □ MAX VOLTAGE AND CURRENT Ta=25℃ VCBO COLLECTOR TO BASE VOLTAGE------------- 300V VCEO COLLECTOR TO EMITTER VOLTAGE-------- 300V VEBO EMITTER TO BASE VOLTAGE------------------ 5.0V IC COLLECTOR CURRENT-------------------------------- 500mA Characteristics (Ta=25℃) Collector-Emitter Voltage@ Ic=10mA Vceo 300V Collector-Base Breakdown@ Voltage Ic=100uA Vcbo 300V Emitter- base Breakdown Voltage@ Ie =10uA Vebo 5V Collector Cutoff Current@ Vcb=200V Icbo Max 250nA Emitter cutoff Current@ Vce=3V Iebo Max 100nA Ic=20mA, Ib=2mA Ic=20mA, Ib=2mA Vce(sat) Vbe(on) Max 500mV Max 900mV Static Forward Current Transfer Ratio Ic=1mA, Vce=10V Ic=10mA, Vce=10V Ic=30mA, Vce=10V hFE1 hFE2 hFE3 Min 25 Min 40 Min 25 Current-Gain-bandwidth Product @Ic=10mA, Vce=20V, f=100MHz fT Min 50MHz Output Capacitance @ Vcb=20V, f=1MHz Cob Max 6pF |
Số phần tương tự - FMBTA92 |
|
Mô tả tương tự - FMBTA92 |