công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145028P bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc |
|
MC145028P bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc |
6 / 20 page MC145026 •MC145027•MC145028•SC41343•SC41344 MOTOROLA 6 SWITCHING CHARACTERISTICS — MC145026*, MC145027, and MC145028 (CL = 50 pF, TA = 25°C) Sb l Ch i i Figure V Guaranteed Limit Ui Symbol Characteristic Figure No. VDD Min Max Unit tTLH, tTHL Output Transition Time 4,8 5.0 10 15 — — — 200 100 80 ns tr Din Rise Time — Decoders 5 5.0 10 15 — — — 15 15 15 µs tf Din Fall Time — Decoders 5 5.0 10 15 — — — 15 5.0 4.0 µs fosc Encoder Clock Frequency 6 5.0 10 15 0.001 0.001 0.001 2.0 5.0 10 MHz f Decoder Frequency — Referenced to Encoder Clock 12 5.0 10 15 1.0 1.0 1.0 240 410 450 kHz tw TE Pulse Width — Encoders 7 5.0 10 15 65 30 20 — — — ns * Also see next Switching Characteristics table for 2.5 V specifications. SWITCHING CHARACTERISTICS — MC145026 (CL = 50 pF, TA = 25°C) Sb l Ch i i Figure V Guaranteed Limit Ui Symbol Characteristic Figure No. VDD Min Max Unit tTLH, tTHL Output Transition Time 4, 8 2.5 — 450 ns fosc Encoder Clock Frequency 6 2.5 1.0 250 kHz tw TE Pulse Width 7 2.5 1.5 — µs SWITCHING CHARACTERISTICS — SC41343 and SC41344 (CL = 50 pF, TA = 25°C) Sb l Ch i i Figure V Guaranteed Limit Ui Symbol Characteristic Figure No. VDD Min Max Unit tTLH, tTHL Output Transition Time 4, 8 2.8 5.0 10 — — — 320 200 100 ns tr Din Rise Time 5 2.8 5.0 10 — — — 15 15 15 µs tf Din Fall Time 5 2.8 5.0 10 — — — 15 15 5.0 µs f Decoder Frequency — Referenced to Encoder Clock 12 2.8 5.0 10 1.0 1.0 1.0 100 240 410 kHz |
Số phần tương tự - MC145028P |