công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145028P bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MC145028P bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 20 page MC145026 •MC145027•MC145028•SC41343•SC41344 MOTOROLA 4 ELECTRICAL CHARACTERISTICS — MC145026 *, MC145027, and MC145028 (Voltage Referenced to VSS) Sb l Ch i i V Guaranteed Limit Ui Sb l Ch i i VDD – 40 °C 25 °C 85 °C Ui Symbol Characteristic VDD V Min Max Min Max Min Max Unit VOL Low–Level Output Voltage (Vin = VDD or 0) 5.0 10 15 — — — 0.05 0.05 0.05 — — — 0.05 0.05 0.05 — — — 0.05 0.05 0.05 V VOH High–Level Output Voltage (Vin = 0 or VDD) 5.0 10 15 4.95 9.95 14.95 — — — 4.95 9.95 14.95 — — — 4.95 9.95 14.95 — — — V VIL Low–Level Input Voltage (Vout = 4.5 or 0.5 V) (Vout = 9.0 or 1.0 V) (Vout = 13.5 or 1.5 V) 5.0 10 15 — — — 1.5 3.0 4.0 — — — 1.5 3.0 4.0 — — — 1.5 3.0 4.0 V VIH High–Level Input Voltage (Vout = 0.5 or 4.5 V) (Vout = 1.0 or 9.0 V) (Vout = 1.5 or 13.5 V) 5.0 10 15 3.5 7.0 11 — — — 3.5 7.0 11 — — — 3.5 7.0 11 — — — V IOH High–Level Output Current (Vout = 2.5 V) (Vout = 4.6 V) (Vout = 9.5 V) (Vout = 13.5 V) 5.0 5.0 10 15 – 2.5 – 0.52 – 1.3 – 3.6 — — — — – 2.1 – 0.44 – 1.1 – 3.0 — — — — – 1.7 – 0.36 – 0.9 – 2.4 — — — — mA IOL Low–Level Output Current (Vout = 0.4 V) (Vout = 0.5 V) (Vout = 1.5 V) 5.0 10 15 0.52 1.3 3.6 — — — 0.44 1.1 3.0 — — — 0.36 0.9 2.4 — — — mA Iin Input Current — TE (MC145026, Pull–Up Device) 5.0 10 15 — — — — — — 3.0 16 35 11 60 120 — — — — — — µA Iin Input Current RS (MC145026), Din (MC145027, MC145028) 15 — ± 0.3 — ± 0.3 — ± 1.0 µA Iin Input Current A1 – A5, A6/D6 – A9/D9 (MC145026), A1 – A5 (MC145027), A1 – A9 (MC145028) 5.0 10 15 — — — — — — — — — ± 110 ± 500 ± 1000 — — — — — — µA Cin Input Capacitance (Vin = 0) — — — — 7.5 — — pF IDD Quiescent Current — MC145026 5.0 10 15 — — — — — — — — — 0.1 0.2 0.3 — — — — — — µA IDD Quiescent Current — MC145027, MC145028 5.0 10 15 — — — — — — — — — 50 100 150 — — — — — — µA Idd Dynamic Supply Current — MC145026 (fc = 20 kHz) 5.0 10 15 — — — — — — — — — 200 400 600 — — — — — — µA Idd Dynamic Supply Current — MC145027, MC145028 (fc = 20 kHz) 5.0 10 15 — — — — — — — — — 400 800 1200 — — — — — — µA * Also see next Electrical Characteristics table for 2.5 V specifications. |
Số phần tương tự - MC145028P |