công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145027P bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MC145027P bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 20 page MC145026 •MC145027•MC145028•SC41343•SC41344 MOTOROLA 5 ELECTRICAL CHARACTERISTICS — MC145026 (Voltage Referenced to VSS) Sb l Ch i i V Guaranteed Limit Ui Sb l Ch i i VDD – 40 °C 25 °C 85 °C Ui Symbol Characteristic VDD V Min Max Min Max Min Max Unit VOL Low–Level Output Voltage (Vin = 0 V or VDD) 2.5 — 0.05 — 0.05 — 0.05 V VOH High–Level Output Voltage (Vin = 0 V or VDD) 2.5 2.45 — 2.45 — 2.45 — V VIL Low–Level Input Voltage (Vout = 0.5 V or 2.0 V) 2.5 — 0.3 — 0.3 — 0.3 V VIH High–Level Input Voltage (Vout = 0.5 V or 2.0 V) 2.5 2.2 — 2.2 — 2.2 — V IOH High–Level Output Current (Vout = 1.25 V) 2.5 0.28 — 0.25 — 0.2 — mA IOL Low–Level Output Current (Vout = 0.4 V) 2.5 0.22 — 0.2 — 0.16 — mA Iin Input Current (TE — Pull–Up Device) 2.5 — — 0.09 1.8 — — µA Iin Input Current (A1–A5, A6/D6–A9/D9) 2.5 — — — ± 25 — — µA IDD Quiescent Current 2.5 — — — 0.05 — — µA Idd Dynamic Supply Current (fc = 20 kHz) 2.5 — — — 40 — — µA ELECTRICAL CHARACTERISTICS — SC41343 and SC41344 (Voltage Referenced to VSS) Sb l Ch i i V Guaranteed Limit Ui Sb l Ch i i VDD – 40 °C 25 °C 85 °C Ui Symbol Characteristic VDD V Min Max Min Max Min Max Unit VOL Low–Level Output Voltage (Vin = 0 V or VDD) 2.8 5.0 10 — — — 0.05 0.05 0.05 — — — 0.05 0.05 0.05 — — — 0.05 0.05 0.05 V VOH High–Level Output Voltage (Vin = 0 V or VDD) 2.8 5.0 10 2.75 4.95 9.95 — — — 2.75 4.95 9.95 — — — 2.75 4.95 9.95 — — — V VIL Low–Level Input Voltage (Vout = 2.3 V or 0.5 V) (Vout = 4.5 V or 0.5 V) (Vout = 9.0 V or 1.0 V) 2.8 5.0 10 — — — 0.84 1.5 3.0 — — — 0.84 1.5 3.0 — — — 0.84 1.5 3.0 V VIH High–Level Input Voltage (Vout = 0.5 V or 2.3 V) (Vout = 0.5 V or 4.5 V) (Vout = 1.0 V or 9.0 V) 2.8 5.0 10 1.96 3.5 7.0 — — — 1.96 3.5 7.0 — — — 1.96 3.5 7.0 — — — V IOH High–Level Output Current (Vout = 1.4 V) (Vout = 4.5 V) (Vout = 9.0 V) 2.8 5.0 10 – 0.73 – 0.59 – 1.3 — — — – 0.7 – 0.5 – 1.1 — — — – 0.55 – 0.41 – 0.9 — — — mA IOL Low–Level Output Current (Vout = 0.4 V) (Vout = 0.5 V) (Vout = 1.0 V) 2.8 5.0 10 0.35 0.8 3.5 — — — 0.3 0.6 2.9 — — — 0.24 0.4 2.3 — — — mA Iin Input Current — Din 10 — ± 0.3 — ± 0.3 — ± 1.0 µA Iin Input Current A1 – A5 (SC41343) A1 – A9 (SC41344) 2.8 5.0 10 — — — — — — — — — ± 30 ± 140 ± 600 — — — — — — µA Cin Input Capacitance (Vin = 0) — — — — 7.5 — — pF IDD Quiescent Current 2.8 5.0 10 — — — — — — — — — 60 75 150 — — — — — — µA Idd Dynamic Supply Current (fc = 20 kHz) 2.8 5.0 10 — — — — — — — — — 300 500 1000 — — — — — — µA |
Số phần tương tự - MC145027P |