công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145026D bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC145026D
Giải thích chi tiết về linh kiện   Encoder and Decoder Pairs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026D bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC145026D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
10
RS
CTC
RTC
11
12
13
INTERNAL
ENABLE
Figure 9. Encoder Oscillator Information
This oscillator operates at a frequency determined by the
external RC network; i.e.,
f
1
2.3 RTC CTC′
(Hz)
for 1 kHz
≤ f ≤ 400 kHz
where: CTC′ = CTC + Clayout + 12 pF
RS ≈ 2 RTC
RS ≥ 20 k
RTC ≥ 10 k
400 pF < CTC < 15 µF
The value for RS should be chosen to be ≥ 2 times RTC. This range ensures
that current through RS is insignificant compared to current through RTC. The
upper limit for RS must ensure that RS x 5 pF (input capacitance) is small com-
pared to RTC x CTC.
For frequencies outside the indicated range, the formula is less accurate.
The minimum recommended oscillation frequency of this circuit is 1 kHz. Sus-
ceptibility to externally induced noise signals may occur for frequencies below
1 kHz and/or when resistors utilized are greater than 1 M
Ω.
Figure 10. Timing Diagram
PWmin
TE
2 WORD TRANSMISSION
ENCODER
CONTINUOUS TRANSMISSION
ENCODER
OSCILLATOR
(PIN 12)
Dout
(PIN 15)
VT
(PIN 11)
DATA OUTPUTS
1.1 (R2C2)
DECODER
ENCODING SEQUENCE
1ST
DIGIT
HIGH
2ND WORD
1ST WORD
OPEN
LOW
9TH
DIGIT
9TH
DIGIT
1ST
DIGIT


Số phần tương tự - MC145026D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145026D MOTOROLA-MC145026D Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026D LANSDALE-MC145026D Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026D FREESCALE-MC145026D Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com