công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145026P bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC145026P
Giải thích chi tiết về linh kiện   Encoder and Decoder Pairs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026P bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC145026P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145026P Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
9
R1, C1
Resistor 1, Capacitor 1 (Pins 6, 7)
As shown in Figures 2 and 3, these pins accept a resistor
and capacitor that are used to determine whether a narrow
pulse or wide pulse has been received. The time constant
R1 x C1 should be set to 1.72 encoder clock periods:
R1 C1 = 3.95 RTC CTC
R2/C2
Resistor 2/Capacitor 2 (Pin 10)
As shown in Figures 2 and 3, this pin accepts a resistor and
capacitor that are used to detect both the end of a received
word and the end of a transmission. The time constant R2 x
C2 should be 33.5 encoder clock periods (four data periods
per Figure 11): R2 C2 = 77 RTC CTC. This time constant is
used to determine whether the Din pin has remained low for
four data periods (end of transmission). A separate on–chip
comparator looks at the voltage–equivalent two data periods
(0.4 R2 C2) to detect the dead time between received words
within a transmission.
VT
Valid Transmission Output (Pin 11)
This valid transmission output goes high after the second
word of an encoding sequence when the following conditions
are satisfied:
1. the received addresses of both words match the local de-
coder address, and
2. the received data bits of both words match.
VT remains high until either a mismatch is received or no
input signal is received for four data periods.
VSS
Negative Power Supply (Pin 8)
The most–negative supply potential. This pin is usually
ground.
VDD
Positive Power Supply (Pin 16)
The most–positive power supply pin.


Số phần tương tự - MC145026P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC145026P MOTOROLA-MC145026P Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026P LANSDALE-MC145026P Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026P FREESCALE-MC145026P Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com