công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BDXXKA5W bảng dữ liệu(PDF) 11 Page - Rohm

tên linh kiện BDXXKA5W
Giải thích chi tiết về linh kiện  500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BDXXKA5W bảng dữ liệu(HTML) 11 Page - Rohm

Back Button BDXXKA5W Datasheet HTML 7Page - Rohm BDXXKA5W Datasheet HTML 8Page - Rohm BDXXKA5W Datasheet HTML 9Page - Rohm BDXXKA5W Datasheet HTML 10Page - Rohm BDXXKA5W Datasheet HTML 11Page - Rohm BDXXKA5W Datasheet HTML 12Page - Rohm BDXXKA5W Datasheet HTML 13Page - Rohm BDXXKA5W Datasheet HTML 14Page - Rohm BDXXKA5W Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Datasheet
11/15
BDxxKA5 Series
BDxxKA5W Series
BD00KA5W Series
TSZ02201-0R6R0A600150-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
26.Jun.2012 Rev.001
●Vo Terminal
Please be sure to attach an anti-oscillation capacitor between Vo and GND.
Be sure to place an anti-oscillation capacitor between the output terminal and the GND. Oscillations may arise if the
capacitance value changes, due to factors such as temperature changes. A 1
μF capacitor with small internal series resistance
(ESR) such as a ceramic capacitor is recommended as an anti-oscillation capacitor. Ceramic capacitors generally have
favorable temperature characteristics and DC bypass characteristics. When selecting a ceramic capacitor, a high voltage
capacitor (good DC bypass characteristics) with temperature characteristics that are superior to those of X5R or X7R, is
recommended. In applications where input voltage and load fluctuations are rapid, please decide on a capacitor after
sufficiently confirming its properties according to its specifications in the actual application.
0
20
40
60
80
100
120
01234
直流バイアスVdc(V)
0
20
40
60
80
100
120
01234
直流バイアスVdc(V)
0
20
40
60
80
100
120
-25
0
255075
Temp(℃)
50V Max.Input
16V Max.Input
10V Max.Input
16V Max.Input
10V Max.Input
Y5V
X7R
X5R
Vdc=0
Fig.26 General characteristics of ceramic capacitors
50V Max.Input
DC bypass Vdc(V)
DC bypass Vdc(V)
(a)
Capacitance-bypass
characteristics (Y5V)
(b)Capacitance-bypass
characteristics(X5R,X7R)
Temp(℃)
(C)Capacitance-temperature
characteristics(X5R,X7R,Y5V)
Fig.25 ESR-Io Characteristics
0.01
0.1
1
10
100
0
100
200
300
400
500
Iout(m A)
安定領域
発振領域
Fig.24 Output Equivalent Circuit
OUT
1μF
IC
Oscillation region
Stable region
ADJ
Cin
Vcc
2V
1μF
1μF
ESR
Io(ROUT)
R1=30kΩ,R2=2kΩ
Vcc
GND
R1
R2
VCTL
OUT
CTL
Io(mA)


Số phần tương tự - BDXXKA5W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BDXXKA5WF ROHM-BDXXKA5WF Datasheet
329Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BDXXKA5WF ROHM-BDXXKA5WF Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BDXXKA5WFP ROHM-BDXXKA5WFP Datasheet
324Kb / 6P
   Low ESR Capacitor Built in shut down SW, Low Dropout 500mA Regulator IC
BDXXKA5WFP ROHM-BDXXKA5WFP Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
More results

Mô tả tương tự - BDXXKA5W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD00IA5WEFJ ROHM-BD00IA5WEFJ Datasheet
479Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com