công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UC1710L883B bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
UC1710L883B bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 6 page 2 UC1710 UC2710 UC3710 CONNECTION DIAGRAMS N-Package J-Package T-Package Supply Voltage, Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V . . . . . . . . . . . . . . 20V . . . . . . . . . . . . . . 20V Collector Supply Voltage, VC . . . . . . . . . . . . . . . . . . . . 20V . . . . . . . . . . . . . . 20V . . . . . . . . . . . . . . 20V Operating Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V . . . . . . . . . . . . . . 18V . . . . . . . . . . . . . . 18V Output Current (Source or Sink) Steady-State. . . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 500mA. . . . . . . . . . . . ± 500mA . . . . . . . . . . . . . ± 1A Digital Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V-VIN . . . . . . . . –0.3V – VIN . . . . . . . . –0.3V – VIN Power Dissipation at Ta=25°C . . . . . . . . . . . . . . . . . . . 1W . . . . . . . . . . . . . . . 1W . . . . . . . . . . . . . . . 3W Power Dissipation at T (Case) = 25°C. . . . . . . . . . . . . . 2W . . . . . . . . . . . . . . . 2W . . . . . . . . . . . . . . 25W Operating Junction Temperature . . . . . . . –55°C to +150°C . . . . –55°C to +150°C . . . . –55°C to +150°C Storage Temperature . . . . . . . . . . . . . . . –65°C to +150°C . . . . –65°C to +150°C . . . . –65°C to +150°C Lead Temperature (Soldering, 10 seconds) . . . . . . . 300°C . . . . . . . . . . . . 300°C . . . . . . . . . . . . 300°C Note 1: All currents are positive into, negative out of the specified terminal. Note 2: Consult Unitrode Integrated Circuits databook for information regarding thermal specifications and limitations of packages. ABSOLUTE MAXIMUM RATINGS DIL-8 MINIDIP (Top View) J or N Package SOIC-16 (Top View) DW Package 5-Pin TO-220 (Top View) T Package ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for VIN = VC = 15V, No load, TA = TJ. PARAMETERS TEST CONDITIONS MIN TYP MAX UNITS VIN Supply Current VIN =18V, VC =18V, Output Low 26 35 mA VIN =18V, VC =18V, Output High 21 30 mA VC Supply Current VIN =18V, VC =18V, Output Low 1.5 5.0 mA VIN =18V, VC =18V,Output High 5.0 8 mA UVLO Threshold VIN High to Low 3.8 4.1 4.4 V VIN Low to High 4.1 4.4 4.8 V |
Số phần tương tự - UC1710L883B |
|
Mô tả tương tự - UC1710L883B |