công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXL335BCPZ bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADXL335BCPZ
Giải thích chi tiết về linh kiện  Small, Low Power, 3-Axis 짹3 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXL335BCPZ bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADXL335BCPZ Datasheet HTML 7Page - Analog Devices ADXL335BCPZ Datasheet HTML 8Page - Analog Devices ADXL335BCPZ Datasheet HTML 9Page - Analog Devices ADXL335BCPZ Datasheet HTML 10Page - Analog Devices ADXL335BCPZ Datasheet HTML 11Page - Analog Devices ADXL335BCPZ Datasheet HTML 12Page - Analog Devices ADXL335BCPZ Datasheet HTML 13Page - Analog Devices ADXL335BCPZ Datasheet HTML 14Page - Analog Devices ADXL335BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADXL335
Rev. B | Page 11 of 16
APPLICATIONS INFORMATION
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 μF capacitor, CDC, placed
close to the ADXL335 supply pins adequately decouples the
accelerometer from noise on the power supply. However, in
applications where noise is present at the 50 kHz internal clock
frequency (or any harmonic thereof), additional care in power
supply bypassing is required because this noise can cause errors
in acceleration measurement.
If additional decoupling is needed, a 100 Ω (or smaller) resistor
or ferrite bead can be inserted in the supply line. Additionally, a
larger bulk bypass capacitor (1 μF or greater) can be added in
parallel to CDC. Ensure that the connection from the ADXL335
ground to the power supply ground is low impedance because
noise transmitted through ground has a similar effect to noise
transmitted through VS.
SETTING THE BANDWIDTH USING CX, CY, AND CZ
The ADXL335 has provisions for band limiting the XOUT, YOUT,
and ZOUT pins. Capacitors must be added at these pins to imple-
ment low-pass filtering for antialiasing and noise reduction. The
equation for the 3 dB bandwidth is
F−3 dB = 1/(2π(32 kΩ) × C(X, Y, Z))
or more simply
F–3 dB = 5 μF/C(X, Y, Z)
The tolerance of the internal resistor (RFILT) typically varies as
much as ±15% of its nominal value (32 kΩ), and the bandwidth
varies accordingly. A minimum capacitance of 0.0047 μF for CX,
CY, and CZ is recommended in all cases.
Table 4. Filter Capacitor Selection, CX, CY, and CZ
Bandwidth (Hz)
Capacitor (μF)
1
4.7
10
0.47
50
0.10
100
0.05
200
0.027
500
0.01
SELF-TEST
The ST pin controls the self-test feature. When this pin is set to
VS, an electrostatic force is exerted on the accelerometer beam.
The resulting movement of the beam allows the user to test if
the accelerometer is functional. The typical change in output
is −1.08 g (corresponding to −325 mV) in the X-axis, +1.08 g
(or +325 mV) on the Y-axis, and +1.83 g (or +550 mV) on the
Z-axis. This ST pin can be left open-circuit or connected to
common (COM) in normal use.
Never expose the ST pin to voltages greater than VS + 0.3 V.
If this cannot be guaranteed due to the system design (for
instance, if there are multiple supply voltages), then a low
VF clamping diode between ST and VS is recommended.
DESIGN TRADE-OFFS FOR SELECTING FILTER
CHARACTERISTICS: THE NOISE/BW TRADE-OFF
The selected accelerometer bandwidth ultimately determines
the measurement resolution (smallest detectable acceleration).
Filtering can be used to lower the noise floor to improve the
resolution of the accelerometer. Resolution is dependent on
the analog filter bandwidth at XOUT, YOUT, and ZOUT.
The output of the ADXL335 has a typical bandwidth of greater
than 500 Hz. The user must filter the signal at this point to
limit aliasing errors. The analog bandwidth must be no more
than half the analog-to-digital sampling frequency to minimize
aliasing. The analog bandwidth can be further decreased to
reduce noise and improve resolution.
The ADXL335 noise has the characteristics of white Gaussian
noise, which contributes equally at all frequencies and is
described in terms of μg/√Hz (the noise is proportional to the
square root of the accelerometer bandwidth). The user should
limit bandwidth to the lowest frequency needed by the applica-
tion to maximize the resolution and dynamic range of the
accelerometer.
With the single-pole, roll-off characteristic, the typical noise of
the ADXL335 is determined by
)
1.6
(
×
×
=
BW
Density
Noise
Noise
rms
It is often useful to know the peak value of the noise. Peak-to-
peak noise can only be estimated by statistical methods. Table 5
is useful for estimating the probabilities of exceeding various
peak values, given the rms value.
Table 5. Estimation of Peak-to-Peak Noise
Peak-to-Peak Value
% of Time That Noise Exceeds
Nominal Peak-to-Peak Value
2 × rms
32
4 × rms
4.6
6 × rms
0.27
8 × rms
0.006


Số phần tương tự - ADXL335BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL335BCPZ AD-ADXL335BCPZ Datasheet
430Kb / 16P
   Small, Low Power, Accelerometer
REV. B
ADXL335BCPZ-RL AD-ADXL335BCPZ-RL Datasheet
430Kb / 16P
   Small, Low Power, Accelerometer
REV. B
ADXL335BCPZ-RL7 AD-ADXL335BCPZ-RL7 Datasheet
430Kb / 16P
   Small, Low Power, Accelerometer
REV. B
More results

Mô tả tương tự - ADXL335BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL337BCPZ-RL AD-ADXL337BCPZ-RL Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL330 AD-ADXL330_07 Datasheet
489Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS짰 Accelerometer
REV. A
ADXL330 AD-ADXL330 Datasheet
311Kb / 16P
   Small, Low Power, 3-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL337 AD-ADXL337 Datasheet
357Kb / 16P
   Small, Low Power, 3-Axis 짹3 g
REV. 0
ADXL323 AD-ADXL323 Datasheet
293Kb / 16P
   Small, Low Power, 2-Axis 짹3 g i MEMS Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com